Electronic Components Datasheet Search
  English  ▼

X  

M32C80 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # M32C80
Description  16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C80 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button M32C80 Datasheet HTML 93Page - Renesas Technology Corp M32C80 Datasheet HTML 94Page - Renesas Technology Corp M32C80 Datasheet HTML 95Page - Renesas Technology Corp M32C80 Datasheet HTML 96Page - Renesas Technology Corp M32C80 Datasheet HTML 97Page - Renesas Technology Corp M32C80 Datasheet HTML 98Page - Renesas Technology Corp M32C80 Datasheet HTML 99Page - Renesas Technology Corp M32C80 Datasheet HTML 100Page - Renesas Technology Corp M32C80 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 352 page
background image
Page 78
0
3
3
f
o
5
0
0
2
,
1
0
.
v
o
N
0
0
.
1
.
v
e
R
0
0
1
0
-
1
7
2
0
B
9
0
J
E
R
8. Clock Generation Circuit
p
u
o
r
G
0
8
/
C
2
3
M
Wait Mode
Normal Operating Mode
CPU operation is stopped
CM10=1
CM10=1
All oscillation is stopped
Interrupt
Wait Mode
Wait Mode
Stop Mode
Stop Mode
Wait Mode
WAIT Instruction
WAIT Instruction
WAIT Instruction
WAIT Instruction
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Reset
Middle-Speed Mode
(divide-by-8 mode)
High-Speed /
Middle-Speed Mode
Low-Speed/ Low-Power
Consumption Mode
(Note 1)
(Note 1)
(Note 2)
(Note 2)
(Note 2)
(Note 3)
On-Chip Oscillator / On-
Chip Oscillator Low-Power
Consumption Mode
NOTES:
1. See Figure 8.14.
2. When the CM17 bit is set to "1" (PLL clock as CPU clock source), set the CM17 bit to "0"(main clock as CPU clock source)
and the PLC07 bit is set to "0" (PLL off). Then enter wait mode or stop mode.
3. When the CM17 bit is set to "1" (PLL clock as CPU clock source), set the CM17 bit to "0"(main clock as CPU clock source)
and the PLC07 bit is set to "0" (PLL off). Then enter low-speed or low-power consumption mode.
(Note 2)
Figure 8.13 Status Transition in Wait Mode and Stop Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com