Electronic Components Datasheet Search
  English  ▼

X  

M32C80 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # M32C80
Description  16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C80 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button M32C80 Datasheet HTML 18Page - Renesas Technology Corp M32C80 Datasheet HTML 19Page - Renesas Technology Corp M32C80 Datasheet HTML 20Page - Renesas Technology Corp M32C80 Datasheet HTML 21Page - Renesas Technology Corp M32C80 Datasheet HTML 22Page - Renesas Technology Corp M32C80 Datasheet HTML 23Page - Renesas Technology Corp M32C80 Datasheet HTML 24Page - Renesas Technology Corp M32C80 Datasheet HTML 25Page - Renesas Technology Corp M32C80 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 352 page
background image
0
3
3
f
o
5
0
0
2
,
1
0
.
v
o
N
0
0
.
1
.
v
e
R
0
0
1
0
-
1
7
2
0
B
9
0
J
E
R
1. Overview
page 3
p
u
o
r
G
0
8
/
C
2
3
M
1.3 Block Diagram
Figure 1.1 shows a block diagram of the M32C/80 Group microcomputer.
Figure 1.1 M32C/80 Group Block Diagram
R0H
R0L
R1H
R1L
R2
R3
A0
A1
FB
SB
FLG
INTB
ISP
USP
PC
SVF
SVP
VCT
Multiplier
M32C/80 series CPU core
Clock Generating Circuit
XIN - XOUT
XCIN - XCOUT
On-chip Oscillator
PLL Frequency Synthesizer
A/D Converter
1 circuit
Standard: 8 inputs
Maximum: 10 inputs
UART/
Clock Synchronous Serial I/O
5 channels
X/Y converter
16 bits X 16 bits
CRC Calcilation Circuit (CCITT)
X16+X12+X5+1
Timer (16 bits)
Timer A: 5 channels
Timer B: 6 channels
Three-phase Motor Control Circuit
Watchdog Timer (15 bits)
D/A Converter
8 bits X 2 channels
Peripheral Functions
RAM
Memory
Port P0
8
DMAC
DMACII
Intelligent I/O
Communication Function
2 channels
<VCC2>
Port P1
8
Port P2
8
Port P3
8
Port P4
8
Port P5
8
(1)
(2)
(1)
(1)
(1)
(1)
NOTES:
1. Ports P0 to P5 function as bus control pins when using memory expansion mode or microprocessor mode.
2. Port P1 functions as I/O port when the microcomputer is placed in memory expansion mode or microprocessor mode
and all external data buses are selected as 8-bit buses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com