Electronic Components Datasheet Search
  English  ▼

X  

M32C85 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # M32C85
Description  16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  542 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C85 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button M32C85 Datasheet HTML 51Page - Renesas Technology Corp M32C85 Datasheet HTML 52Page - Renesas Technology Corp M32C85 Datasheet HTML 53Page - Renesas Technology Corp M32C85 Datasheet HTML 54Page - Renesas Technology Corp M32C85 Datasheet HTML 55Page - Renesas Technology Corp M32C85 Datasheet HTML 56Page - Renesas Technology Corp M32C85 Datasheet HTML 57Page - Renesas Technology Corp M32C85 Datasheet HTML 58Page - Renesas Technology Corp M32C85 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 542 page
background image
Page 32
4. Special Function Registers (SFR)
4
9
4
f
o
5
0
0
2
,
1
0
.
l
u
J
3
0
.
1
.
v
e
R
3
0
1
0
-
7
3
0
0
B
9
0
J
E
R
)
T
5
8
/
C
2
3
M
,
5
8
/
C
2
3
M
(
p
u
o
r
G
5
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
021016
0016(2)
CAN0 Slot Interrupt Mask Register
C0SIMKR
021116
0016(2)
021216
021316
021416
CAN0 Error Interrupt Mask Register
C0EIMKR
XXXX X0002(2)
021516
CAN0 Error Interrupt Status Register
C0EISTR
XXXX X0002(2)
021616
CAN0 Error Cause Register
C0EFR
0016(2)
021716
CAN0 Baud Rate Prescaler
C0BRP
0000 00012(2)
021816
021916
CAN0 Mode Register
C0MDR
XXXX XX002(2)
021A16
021B16
021C16
021D16
021E16
021F16
022016
0016(2)
CAN0 Single Shot Control Register
C0SSCTLR
022116
0016(2)
022216
022316
022416
0016(2)
CAN0 Single Shot Status Register
C0SSSTR
022516
0016(2)
022616
022716
022816
CAN0 Global Mask Register Standard ID0
C0GMR0
XXX0 00002(2)
022916
CAN0 Global Mask Register Standard ID1
C0GMR1
XX00 00002(2)
022A16
CAN0 Global Mask Register Extended ID0
C0GMR2
XXXX 00002(2)
022B16
CAN0 Global Mask Register Extended ID1
C0GMR3
0016(2)
022C16
CAN0 Global Mask Register Extended ID2
C0GMR4
XX00 00002(2)
022D16
022E16
022F16
CAN0 Message Slot 0 Control Register /
C0MCTL0/
0000 00002(2)
023016
CAN0 Local Mask Register A Standard ID0
C0LMAR0
XXX0 00002(2)
CAN0 Message Slot 1 Control Register /
C0MCTL1/
0000 00002(2)
023116
CAN0 Local Mask Register A Standard ID1
C0LMAR1
XX00 00002(2)
CAN0 Message Slot 2 Control Register /
C0MCTL2/
0000 00002(2)
023216
CAN0 Local Mask Register A Extended ID0
C0LMAR2
XXXX 00002(2)
CAN0 Message Slot 3 Control Register /
C0MCTL3/
0016(2)
023316
CAN0 local Mask Register A Extended ID1
C0LMAR3
0016(2)
CAN0 Message Slot 4 Control Register /
C0MCTL4/
0000 00002(2)
023416
CAN0 Local Mask Register A Extended ID2
C0LMAR4
XX00 00002(2)
023516
CAN0 Message Slot 5 Control Register
C0MCTL5
0016(2)
023616
CAN0 Message Slot 6 Control Register
C0MCTL6
0016(2)
023716
CAN0 Message Slot 7 Control Register
C0MCTL7
0016(2)
CAN0 Message Slot 8 Control Register /
C0MCTL8/
0000 00002(2)
023816
CAN0 Local Mask Register B Standard ID0
C0LMBR0
XXX0 00002(2)
CAN0 Message Slot 9 Control Register /
C0MCTL9/
0000 00002(2)
023916
CAN0 Local Mask Register B Standard ID1
C0LMBR1
XX00 00002(2)
X: Indeterminate
Blank spaces are reserved. No access is allowed.
NOTES:
1. The BANKSEL bit in the C0CTLR1 register switches functions for addresses 022016 to 023F16.
2. Values are obtained by setting the SLEEP bit in the C0SLPR register to "1" (sleep mode exited) after reset and
applying the clock to the CAN module.
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com