Electronic Components Datasheet Search
  English  ▼

X  

M32C85 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M32C85
Description  16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  542 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C85 Datasheet(HTML) 3 Page - Renesas Technology Corp

  M32C85 Datasheet HTML 1Page - Renesas Technology Corp M32C85 Datasheet HTML 2Page - Renesas Technology Corp M32C85 Datasheet HTML 3Page - Renesas Technology Corp M32C85 Datasheet HTML 4Page - Renesas Technology Corp M32C85 Datasheet HTML 5Page - Renesas Technology Corp M32C85 Datasheet HTML 6Page - Renesas Technology Corp M32C85 Datasheet HTML 7Page - Renesas Technology Corp M32C85 Datasheet HTML 8Page - Renesas Technology Corp M32C85 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 542 page
background image
How to Use This Manual
1. Introduction
This hardware manual provides detailed information on the M32C/85 group (M32C/85, M32C/85T) microcom-
puters. Users are expected to have basic knowledge of electric circuits, logical circuits and microcomputers.
2. Register Diagram
The symbols, and descriptions, used for bit function in each register are shown below.
Function
XXX Register
Bit Name
Bit Symbol
Symbol
Address
After Reset
XXX
XXX
0016
RW
RW
RW
WO
RO
XXX0
XXX1
(b2)
(b4 - b3)
XXX bit
Reserved bit
XXX7
Set to "0"
0: XXX
1: XXX
Nothing is assigned.
When write, set to "0". When read, its content is indeterminate.
XXX bit
0 0: XXX
0 1: XXX
1 0: Do not set a value
1 1: XXX
b1 b0
XXX bit
Function varies depending on mode
of operation
XXX5
XXX6
0
RW
RW
b7
b6
b5
b4
b3
b2
b1
b0
*1
*2
*4
*3
0
*1
Blank:Set to "0" or "1" according to the application
0:
Set to "0"
1:
Set to "1"
X:
Nothing is assigned
*2
RW: Read and write
RO:
Read only
WO: Write only
–:
Nothing is assigned
*3
• Reserved bit
Reserved bit. Set to specified value.
*4
• Nothing is assigned
Nothing is assigned to the bit concerned. As the bit may be use for future functions,
set to "0" when writing to this bit.
• Do not set a value
The operation is not guaranteed when a value is set.
• Function varies depending on mode of operation
Bit function varies depending on peripheral function mode.
Refer to respective register for each mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com