Electronic Components Datasheet Search
  English  ▼

X  

M32C85 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # M32C85
Description  16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  542 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C85 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button M32C85 Datasheet HTML 18Page - Renesas Technology Corp M32C85 Datasheet HTML 19Page - Renesas Technology Corp M32C85 Datasheet HTML 20Page - Renesas Technology Corp M32C85 Datasheet HTML 21Page - Renesas Technology Corp M32C85 Datasheet HTML 22Page - Renesas Technology Corp M32C85 Datasheet HTML 23Page - Renesas Technology Corp M32C85 Datasheet HTML 24Page - Renesas Technology Corp M32C85 Datasheet HTML 25Page - Renesas Technology Corp M32C85 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 542 page
background image
Quick Reference by Address
B-9
Address
Register
Page
034016 Count Start Flag (TABSR)
156
034116 Clock Prescaler Reset Flag (CPSRF)
85
034216 One-Shot Start Flag (ONSF)
157
034316 Trigger Select Register (TRGSR)
158
034416 Up-Down Flag (UDF)
157
034516
034616
Timer A0 Register (TA0)
034716
034816
Timer A1 Register (TA1)
034916
034A16
Timer A2 Register (TA2)
155
034B16
034C16
Timer A3 Register (TA3)
034D16
034E16
Timer A4 Register (TA4)
034F16
035016
Timer B0 Register (TB0)
035116
035216
Timer B1 Register (TB1)
171
035316
035416
Timer B2 Register (TB2)
035516
035616 Timer A0 Mode Register (TA0MR)
035716 Timer A1 Mode Register (TA1MR)
035816 Timer A2 Mode Register (TA2MR)
156
035916 Timer A3 Mode Register (TA3MR)
035A16 Timer A4 Mode Register (TA4MR)
035B16 Timer B0 Mode Register (TB0MR)
035C16 Timer B1 Mode Register (TB1MR)
172
035D16 Timer B2 Mode Register (TB2MR)
035E16 Timer B2 Special Mode Register (TB2SC)
186
035F16 Count Source Prescaler Register (TCSPR)
85
036016
036116
036216
036316
036416 UART0 Special Mode Register 4 (U0SMR4)
199
036516 UART0 Special Mode Register 3 (U0SMR3)
198
036616 UART0 Special Mode Register 2 (U0SMR2)
197
036716 UART0 Special Mode Register (U0SMR)
196
036816 UART0 Transmit/Receive Mode Register (U0MR)
194
036916 UART0 Bit Rate Register (U0BRG)
036A16
UART0 Transmit Buffer Register (U0TB)
193
036B16
036C16 UART0 Transmit/Receive Control Register 0 (U0C0)
195
036D16 UART0 Transmit/Receive Control Register 1 (U0C1)
196
036E16
UART0 Receive Buffer Register (U0RB)
193
036F16
Address
Register
Page
037016
037116
037216
037316
037416
037516
037616
037716
037816 DMA0 Request Source Select Register (DM0SL)
037916 DMA1 Request Source Select Register (DM1SL)
135
037A16 DMA2 Request Source Select Register (DM2SL)
037B16 DMA3 Request Source Select Register (DM3SL)
037C16
CRC Data Register (CRCD)
037D16
266
037E16 CRC Input Register (CRCIN)
037F16
038016
A/D0 Register0 (AD00)
038116
038216
A/D0 Register1 (AD01)
038316
038416
A/D0 Register2 (AD02)
038516
038616
A/D0 Register3 (AD03)
038716
251
038816
A/D0 Register4 (AD04)
038916
038A16
A/D0 Register5 (AD05)
038B16
038C16
A/D0 Register6 (AD06)
038D16
038E16
A/D0 Register7 (AD07)
038F16
039016
039116
039216 A/D0 Control Register 4 (AD0CON4)
251
039316
039416 A/D0 Control Register 2 (AD0CON2)
249
039516 A/D0 Control Register 3 (AD0CON3)
250
039616 A/D0 Control Register 0 (AD0CON0)
247
039716 A/D0 Control Register 1 (AD0CON1)
248
039816 D/A Register 0 (DA0)
265
039916
039A16 D/A Register 1 (DA1)
265
039B16
039C16 D/A Control Register (DACON)
265
039D16
039E16
039F16
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com