Electronic Components Datasheet Search
  English  ▼

X  

HD6412321 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # HD6412321
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2300 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6412321 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button HD6412321 Datasheet HTML 54Page - Renesas Technology Corp HD6412321 Datasheet HTML 55Page - Renesas Technology Corp HD6412321 Datasheet HTML 56Page - Renesas Technology Corp HD6412321 Datasheet HTML 57Page - Renesas Technology Corp HD6412321 Datasheet HTML 58Page - Renesas Technology Corp HD6412321 Datasheet HTML 59Page - Renesas Technology Corp HD6412321 Datasheet HTML 60Page - Renesas Technology Corp HD6412321 Datasheet HTML 61Page - Renesas Technology Corp HD6412321 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 1302 page
background image
Section 1 Overview
Rev.6.00 Sep. 27, 2007 Page 28 of 1268
REJ09B0220-0600
Pin No.
Type
Symbol
TFP-120
FP-128B
I/O
Name and Function
Bus control
CAS*4
116
126
Output Upper column address strobe/
column address strobe: The 2-CAS
type DRAM upper column address
strobe signal.
LCAS*4
86
94
Output Lower column address strobe: The
2-CAS type DRAM lower column
address strobe signal.
WAIT
86, 92
94, 102
Input
Wait: Requests insertion of a wait
state in the bus cycle when
accessing external 3-state access
space.
DMA controller
(DMAC) *
3
DREQ
1,
DREQ
0
62, 60
70, 66
Input
DMA request 1 and 0: These pins
request DMAC activation.
TEND
1,
TEND
0
63, 61
71, 69
Output DMA transfer end 1 and 0: These
pins indicate the end of DMAC data
transfer.
DACK
1,
DACK
0
111, 112
121, 122
Output DMA transfer acknowledge 1 and
0: These are the DMAC single
address transfer acknowledge pins.
16-bit timer
pulse unit
(TPU)
TCLKD to
TCLKA
105, 107,
109, 110
115, 117,
119, 120
Input
Clock input D to A: These pins input
an external clock.
TIOCA0,
TIOCB0,
TIOCC0,
TIOCD0
112 to
109
122 to
119
I/O
Input capture/output compare
match A0 to D0: The TGR0A to
TGR0D input capture input or output
compare output, or PWM output pins.
TIOCA1,
TIOCB1
108, 107
118, 117
I/O
Input capture/output compare
match A1 and B1: The TGR1A and
TGR1B input capture input or output
compare output, or PWM output pins.
TIOCA2,
TIOCB2
106, 105
116, 115
I/O
Input capture/output compare
match A2 and B2: The TGR2A and
TGR2B input capture input or output
compare output, or PWM output pins.
TIOCA3,
TIOCB3,
TIOCC3,
TIOCD3
71 to 68
79 to 76
I/O
Input capture/output compare
match A3 to D3: The TGR3A to
TGR3D input capture input or output
compare output, or PWM output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com