Electronic Components Datasheet Search
  English  ▼

X  

ADS8517 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8517
Description  16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8517 Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS8517 Datasheet HTML 23Page - Texas Instruments ADS8517 Datasheet HTML 24Page - Texas Instruments ADS8517 Datasheet HTML 25Page - Texas Instruments ADS8517 Datasheet HTML 26Page - Texas Instruments ADS8517 Datasheet HTML 27Page - Texas Instruments ADS8517 Datasheet HTML 28Page - Texas Instruments ADS8517 Datasheet HTML 29Page - Texas Instruments ADS8517 Datasheet HTML 30Page - Texas Instruments ADS8517 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
LAYOUT
POWER
POWER-ON SEQUENCE
GROUNDING
SIGNAL CONDITIONING
INTERMEDIATE LATCHES
ADS8517
www.ti.com.......................................................................................................................................................................................... SLAS527 – SEPTEMBER 2008
For host processors that are able to advantage of a lower interface supply voltage, the ADS8517 offers a wide
range of voltages—from 5.5V to as low as 1.65V. The ADS8517 should be considered as an analog component
because, as noted in the Electrical Characteristics, it uses 95% of its power for the analog circuitry. If the
interface is at the same +5V as the analog supply, the two +5-V supplies should be separate. Connecting VDIG
(pin 28) directly to a digital supply can reduce converter performance because of switching noise from the digital
logic. For best performance, the +5-V supply should be produced from whichever analog supply is present for the
rest of the analog signal conditioning. If a +12-V or +15-V suppy is present in the system, a simple +5-V regulator
can be used. Although it is not suggested, if the digital supply in the system must be used to power the
converter, be sure it is properly filtered.
Care must be taken with power sequencing when the interface and analog supplies are different. Refer to the
Absolute Maximum Ratings for details. The analog supply should be powered on before the digital supply (used
for the interface). It is important that the voltage difference between VDIG and the digital inputs does not exceed
the limit of –0.3V to VDIG + 0.3V. All digital inputs should be kept inactive (logic low) until the digital (interface)
supply is steady.
Three ground pins are present on the ADS8517. DGND is the digital supply ground. AGND2 is the analog supply
ground. AGND1 is the ground to which all analog signals internal to the A/D converter are referenced. AGND1 is
more susceptible to current induced voltage drops and must have the path of least resistance back to the power
supply.
To achieve optimum performance, all the ground pins of the A/D converter should be tied to an analog ground
plane, separated from the system digital logic ground. Both analog and digital ground planes should be tied to
the system ground as near to the power supplies as possible. This configuration helps to prevent dynamic digital
ground currents from modulating the analog ground through a common impedance to power ground.
The ADS8517 features high-impedance inputs as the result of the resistive input attenuation circuit. For ±10V, 0V
to 5V, and 0V to 4V inputs, the equivalent input impedances are 45.7k
Ω, 20kΩ and 21.4kΩ respectively. Lower
cost op amps may be used to drive the ADC inputs because the driving requirement is not as high compared to
other converters. This input circuit not only reduces the power consumption on the signal conditioning op amp,
but it also works as a buffer to attenuate any charge injection resulting from the operation of the CDAC FET
sample switches, even though the design of those FET switches is optimized to give minimal charge injection.
Another benefit provided by the ADS8517 high-impedance front-end is assured ±25V overvoltage protection. In
most cases, this internal protection eliminates the need for external input protection circuitry.
The ADS8517 does have 3-state outputs for the parallel port, but intermediate latches should be used if the bus
is active during conversion. If the bus is not active during conversion, the 3-state outputs can be used to isolate
the A/D converter from other peripherals on the same bus.
Intermediate latches are beneficial on any monolithic A/D converter. The ADS8517 has an internal LSB size of
38
µV (with a 2.5-V internal reference). Transients from fast-switching signals on the parallel port, even when the
A/D converter is 3-stated, can be coupled through the substrate to the analog circuitry, causing degradation of
converter performance.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): ADS8517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com