Electronic Components Datasheet Search
  English  ▼

X  

ADS8517 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8517
Description  16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8517 Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS8517 Datasheet HTML 26Page - Texas Instruments ADS8517 Datasheet HTML 27Page - Texas Instruments ADS8517 Datasheet HTML 28Page - Texas Instruments ADS8517 Datasheet HTML 29Page - Texas Instruments ADS8517 Datasheet HTML 30Page - Texas Instruments ADS8517 Datasheet HTML 31Page - Texas Instruments ADS8517 Datasheet HTML 32Page - Texas Instruments ADS8517 Datasheet HTML 33Page - Texas Instruments ADS8517 Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
ADS8517 AS AN SPI SLAVE DEVICE (INT/EXT TIED HIGH)
Microcontroller
SPIMaster
CPOL=0(inactiveSCLKisLOW)
CPHA=1(datavalidonSCLKfallingedge)
NOTE:
ADS8517
SPISlave
TOUT
INT
MOSI
SCLK
R/C
BUSY
SDATA
DATACLK
CS
EXT/INT
V
S
BYTE
8-BIT SPI INTERFACE
ADS8517
SLAS527 – SEPTEMBER 2008.......................................................................................................................................................................................... www.ti.com
Figure 45 shows another interface between the ADS8517 and an SPI-equipped microcontroller or DSP in which
the host processor acts as an SPI master device.
Figure 45. ADS8517 as SPI Slave
In this configuration, the data transfer from the ADS8517 is triggered by the rising edge of the serial data clock
provided by the SPI master. The SPI interface should be configured to read valid SDATA on the falling edge of
SCLK. When a minimum of 17 SCLKs are provided to the ADS8517, data can be strobed to the host processor
on the rising SCLK edge providing a 2ns (min) hold time (see td8 in Table 6).
When using an external interrupt to facilitate serial data transfers, as shown in Figure 45, there are two options
for the configuration of the interrupt service routine (ISR): falling-edge-triggered or rising-edge-triggered.
A falling-edge-triggered transfer would initiate an SPI transfer after the falling edge of BUSY, providing the host
controller with the previous conversion results, while the current conversion cycle is underway. The timing for this
type of interface is described in detail in Figure 36. Care must be taken to ensure the entire 16-bit conversion
result is retrieved from the ADS8517 before BUSY returns high to avoid the potential corruption of the current
conversion cycle.
A rising-edge-triggered transfer is the preferred method of obtaining the conversion results. This timing is
depicted in Figure 35. This method of obtaining data ensures that SCLK is static during the conversion cycle and
provides the host processor with current cycle conversion results.
For microcontrollers that only support 8-bit SPI transfers, it is recommended to configure the ADS8517 for SPI
slave operation, as depicted in Figure 45. With the microcontroller configured as the SPI master, two 8-bit
transfers are required to obtain full 16-bit conversion results from the ADS8517. The eight MSBs of the
conversion result are considered valid on the falling SCLK edges of the first transfer, with the remaining four
LSBs being valid on the first four falling SCLK edges in the second transfer.
30
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS8517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com