Electronic Components Datasheet Search
  English  ▼

X  

AFE5805 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5805
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/?숰z, 12-Bit, 50MSPS, 122mW/Channel
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5805 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AFE5805 Datasheet HTML 12Page - Texas Instruments AFE5805 Datasheet HTML 13Page - Texas Instruments AFE5805 Datasheet HTML 14Page - Texas Instruments AFE5805 Datasheet HTML 15Page - Texas Instruments AFE5805 Datasheet HTML 16Page - Texas Instruments AFE5805 Datasheet HTML 17Page - Texas Instruments AFE5805 Datasheet HTML 18Page - Texas Instruments AFE5805 Datasheet HTML 19Page - Texas Instruments AFE5805 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
Frequency(MHz)
1
10
R =1kW
S
R =400W
S
R =200W
S
R =50W
S
V
=1.2V
CNTL
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Frequency(MHz)
1
10
R =1kW
S
R =400W
S
R =200W
S
R =50W
S
V
=1.2V
CNTL
4.0
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
20
Frequency(MHz)
1
R =
S
400W
10
R =
S
1kW
R =200W
S
V
=1.2V
CNTL
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Frequency(MHz)
1
10
R =1kW
S
R =400W
S
R =200W
S
R =50W
S
PGA=30dB
V
=1.2V
CNTL
1.30
1.28
1.26
1.24
1.22
1.20
1.18
1.16
1.14
1.12
1.10
Frequency(Hz)
100k
20M
10M
1M
4000
3500
3000
2500
2000
1500
1000
500
0
Transconductance(mA/V)
AFE5805
SBOS421C – MARCH 2008 – REVISED OCTOBER 2008................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
AVDD_5V = 5.0V, AVDD1 = AVDD2 = DVDD = 3.3V, LVDD = 1.8V, single-ended input into LNA, ac-coupled with 0.1
µF,
VCNTL = 1.0V, fIN = 5MHz, clamp disabled, LPF = 15MHz, clock = 40MSPS, 50% duty cycle, internal reference mode,
ISET = 56k
Ω, and LVDS buffer setting = 3.5mA, at ambient temperature TA = +25°C, unless otherwise noted.
OUTPUT-REFERRED NOISE vs FREQUENCY vs RS
INPUT-REFERRED NOISE vs FREQUENCY vs RS
Figure 13.
Figure 14.
CURRENT NOISE vs FREQUENCY OVER RSOURCE
NOISE FIGURE vs FREQUENCY vs RS
Figure 15.
Figure 16.
CW INPUT-REFERRED NOISE vs FREQUENCY
CW ACCURACY
Figure 17.
Figure 18.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): AFE5805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com