Electronic Components Datasheet Search
  English  ▼

X  

AFE5805 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5805
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/?숰z, 12-Bit, 50MSPS, 122mW/Channel
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5805 Datasheet(HTML) 3 Page - Texas Instruments

  AFE5805 Datasheet HTML 1Page - Texas Instruments AFE5805 Datasheet HTML 2Page - Texas Instruments AFE5805 Datasheet HTML 3Page - Texas Instruments AFE5805 Datasheet HTML 4Page - Texas Instruments AFE5805 Datasheet HTML 5Page - Texas Instruments AFE5805 Datasheet HTML 6Page - Texas Instruments AFE5805 Datasheet HTML 7Page - Texas Instruments AFE5805 Datasheet HTML 8Page - Texas Instruments AFE5805 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
ELECTRICAL CHARACTERISTICS
AFE5805
www.ti.com................................................................................................................................................. SBOS421C – MARCH 2008 – REVISED OCTOBER 2008
AVDD_5V = 5.0V, AVDD1 = AVDD2 = DVDD = 3.3V, LVDD = 1.8V, single-ended input into LNA, ac-coupled (1.0
µF),
VCNTL = 1.0V, fIN = 5MHz, Clock = 40MSPS, 50% duty cycle, internal reference mode, ISET = 56kΩ, LVDS buffer
setting = 3.5mA, at ambient temperature TA = +25°C, unless otherwise noted.
AFE5805
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PREAMPLIFIER (LNA)
Gain
A
SE-input to differential output
20
dB
Input voltage
VIN
Linear operation (HD2
≤ –40dB)
250
mVPP
blank
Maximum input voltage
Limited by internal diodes
600
mVPP
Input voltage noise (TGC)
en (RTI)
RS = 0Ω, f = 1MHz
0.75
nV/
√Hz
Input current noise
in (RTI)
3
pA/
√Hz
Common-mode voltage, input
VCMI
Internally generated
2.4
V
Bandwidth
BW
Small-signal, –3dB
70
MHz
Input resistance(1)
At f = 4MHz
8
k
Ω
Input capacitance(1)
Includes internal ESD and clamping diodes
16
pF
FULL-SIGNAL CHANNEL (LNA+VCA+LPF+ADC)
Input voltage noise (TGC)
en
RS = 0Ω, f = 2MHz, PGA = 30dB
0.85
nV/
√Hz
RS = 0Ω, f = 2MHz, PGA = 20dB
1.08
nV/
√Hz
Noise figure
NF
RS = 200Ω, f = 5MHz
1.5
dB
Low-pass flter bandwidth
LPF
at –3dB, selectable through SPI
10, 15
MHz
Bandwidth tolerance
±10
%
High-pass filter
HPF
(First-order, due to internal ac-coupling)
200
kHz
Group delay variation
±3
ns
Overload recovery
≤ 6dB overload to within 1%
2
Clock Cycles
ACCURACY
Gain (PGA)
Selectable through SPI
20, 25, 27, 30
dB
Total gain, max(2)
LNA + PGA gain, VCNTL = 1.2V
48
49.5
51
dB
Gain range
VCNTL = 0V to 1.2V
46
dB
VCNTL = 0.1V to 1.0V
40
dB
Gain error, absolute(3)
0V < VCNTL < 0.1V
±0.5
dB
0.1V < VCNTL < 1.0V
–1.5
±0.5
+1.5
dB
1.0V < VCNTL < 1.2V
±0.5
dB
Gain matching
Channel-to-channel
–0.5
±0.25
+0.5
dB
Offset error
VCNTL = 1.0V, PGA = 30dB
–39
+39
LSB
Offset error drift (tempco)
±5
ppm/°C
Clamp level
CL = 0
1.7
VPP
CL = 1 (clamp disabled)
2.8
VPP
GAIN CONTROL (VCA)
Input voltage range
VCNTL
Gain range = 46dB
0 to 1.2
V
Gain slope
VCNTL = 0.1V to 1.0V
44.4
dB/V
Input resistance
25
k
Ω
Response time
VCNTL = 0V to 1.2V step; to 90% signal
0.5
µs
DYNAMIC PERFORMANCE
Signal-to-noise ratio
SNR
fIN = 2MHz; –1dBFS, PGA = 30dB
59.8
dBFS
fIN = 5MHz; –1dBFS, PGA = 30dB
59.6
dBFS
fIN = 10MHz; –1dBFS, PGA = 30dB
58.8
dBFS
(1)
See Figure 33.
(2)
Excludes digital gain within ADC.
(3)
Excludes error of internal reference.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): AFE5805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com