Electronic Components Datasheet Search
  English  ▼

X  

DG2002 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG2002
Description  Low-Voltage Single SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2002 Datasheet(HTML) 6 Page - Vishay Siliconix

  DG2002 Datasheet HTML 1Page - Vishay Siliconix DG2002 Datasheet HTML 2Page - Vishay Siliconix DG2002 Datasheet HTML 3Page - Vishay Siliconix DG2002 Datasheet HTML 4Page - Vishay Siliconix DG2002 Datasheet HTML 5Page - Vishay Siliconix DG2002 Datasheet HTML 6Page - Vishay Siliconix DG2002 Datasheet HTML 7Page - Vishay Siliconix DG2002 Datasheet HTML 8Page - Vishay Siliconix DG2002 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number: 71448
S-72609-Rev. C, 24-Dec-07
Vishay Siliconix
DG2002
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Switching Time vs. Temperature
and Supply Voltage
Switching Threshold vs. Supply Voltage
0
5
10
15
20
25
30
- 60
- 40
- 20
0
20406080
100
tON V+ = 2 V
Temperature (°C)
tON V+ = 3 V
tON V+ = 5 V
tOFF V+ = 2 V
tOFF V+ = 3 V
tOFF V+ = 5 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0123456
V+ - Supply Voltage (V)
Insertion Loss, Off -Isolation
Crosstalk vs. Frequency
Charge Injection vs. Analog Voltage
- 100
- 30
0
Frequency (Hz)
- 20
- 10
10 M
1 G
100 M
1 M
100 K
- 40
- 50
- 60
- 70
- 80
- 90
V+ = 3 V
RL = 50 Ω
LOSS
OIRR
XTALK
- 20
- 15
- 10
- 5
0
5
10
15
20
0123456
VCOM - Analog Voltage (V)
V+ = 2 V
V+ = 3 V
V+ = 5 V
V+ = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com