Electronic Components Datasheet Search
  English  ▼

X  

DG2002 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG2002
Description  Low-Voltage Single SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2002 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG2002 Datasheet HTML 1Page - Vishay Siliconix DG2002 Datasheet HTML 2Page - Vishay Siliconix DG2002 Datasheet HTML 3Page - Vishay Siliconix DG2002 Datasheet HTML 4Page - Vishay Siliconix DG2002 Datasheet HTML 5Page - Vishay Siliconix DG2002 Datasheet HTML 6Page - Vishay Siliconix DG2002 Datasheet HTML 7Page - Vishay Siliconix DG2002 Datasheet HTML 8Page - Vishay Siliconix DG2002 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
DG2002
Document Number: 71448
S-72609-Rev. C, 24-Dec-07
www.vishay.com
1
Low-Voltage Single SPDT Analog Switch
FEATURES
•
Low voltage operation (1.8 V to 5.5 V)
•
Low on-resistance - rDS(on): 7 Ω
•
Fast switching - tON : 8 ns, tOFF: 6 ns
•
Low charge injection - QINJ: 5 pC
•
Low power consumption
•
TTL/CMOS compatible
• 6-pin SC70 package
BENEFITS
•
Reduced power consumption
•
Simple logic interface
•
High accuracy
•
Reduce board space
APPLICATIONS
•
Cellular phones
•
Communication systems
•
Portable test equipment
•
Battery operated systems
•
Sample and hold circuits
DESCRIPTION
The DG2002 is a single-pole/double-throw monolithic CMOS
analog switch designed for high performance switching of
analog signals. Combining low power, high speed (tON: 8 ns,
tOFF: 6 ns), low on-resistance (rDS(on): 7 Ω) and small
physical size (SC70), the DG2002 is ideal for portable and
battery powered applications requiring high performance
and efficient use of board space.
The DG2002 is built on Vishay Siliconix’s low voltage JI2
process. An epitaxial layer prevents latchup. Break-before -
make is guaranteed for DG2002.
Each switch conducts equally well in both directions when
on, and blocks up to the power supply level when off.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
* Pb containing terminations are not RoHS compliant, exemptions may apply.
NO (Source1)
COM
NC (Source2)
1
2
3
6
5
Top View
IN
V+
GND
4
SC-70
Device Marking: E2xx
TRUTH TABLE
Logic
NC
NO
0ON
OFF
1OFF
ON
ORDERING INFORMATION
Temp Range
Package
Part Number
- 40 to 85 °C
SC70-6
DG2002DL-T1
DG2002DL-T1-E3
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - DG2002

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2002 VISHAY-DG2002 Datasheet
140Kb / 10P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
logo
DB Lectro Inc
DG2002-40-01P DBLECTRO-DG2002-40-01P Datasheet
8Kb / 1P
DEGSON # DG2002-4.0-01P (DG2002-4.0-01P)
logo
Vishay Siliconix
DG2002DL-T1 VISHAY-DG2002DL-T1 Datasheet
140Kb / 10P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
DG2002DL-T1-E3 VISHAY-DG2002DL-T1-E3 Datasheet
140Kb / 10P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
DG2002E VISHAY-DG2002E Datasheet
182Kb / 11P
Power-off Protection, 6 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
More results

Similar Description - DG2002

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
Low-Voltage Single SPDT Analog Switch
10-Nov-00
DG9461 VISHAY-DG9461 Datasheet
80Kb / 7P
Low-Voltage Single SPDT Analog Switch
26-Jul-99
DG2012 VISHAY-DG2012 Datasheet
73Kb / 8P
Low-Voltage Single SPDT Analog Switch
07-Apr-03
DG2714 VISHAY-DG2714 Datasheet
59Kb / 7P
Low-Voltage Single SPDT Analog Switch
30-Jun-03
DG2001 VISHAY-DG2001 Datasheet
63Kb / 8P
LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH
19-Mar-01
DG2012 VISHAY-DG2012_08 Datasheet
122Kb / 9P
Low-Voltage Single SPDT Analog Switch
30-Apr-07
DG2714 VISHAY-DG2714_08 Datasheet
112Kb / 8P
Low-Voltage Single SPDT Analog Switch
30-Apr-07
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
Low-Voltage Single SPDT Analog Switch
13-Jun-11
DG2002 VISHAY-DG2002_V01 Datasheet
140Kb / 10P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com