Electronic Components Datasheet Search
  English  ▼

X  

HD6432132 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # HD6432132
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432132 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button HD6432132 Datasheet HTML 55Page - Renesas Technology Corp HD6432132 Datasheet HTML 56Page - Renesas Technology Corp HD6432132 Datasheet HTML 57Page - Renesas Technology Corp HD6432132 Datasheet HTML 58Page - Renesas Technology Corp HD6432132 Datasheet HTML 59Page - Renesas Technology Corp HD6432132 Datasheet HTML 60Page - Renesas Technology Corp HD6432132 Datasheet HTML 61Page - Renesas Technology Corp HD6432132 Datasheet HTML 62Page - Renesas Technology Corp HD6432132 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 1061 page
background image
Section 1 Overview
Rev. 4.00 Jun 06, 2006 page 5 of 1004
REJ09B0301-0400
Item
Specifications
Memory
• Flash memory or mask ROM
• High-speed static RAM
Product Name
ROM
RAM
H8S/2134, H8S/2138
128 kbytes
4 kbytes
H8S/2133
96 kbytes
4 kbytes
H8S/2132, H8S/2137
64 kbytes
2 kbytes
H8S/2130
32 kbytes
2 kbytes
Interrupt controller
• Nine external interrupt pins (NMI, IRQ0 to IRQ7)
• 39 internal interrupt sources
• Three priority levels settable
Power-down state
• Medium-speed mode
• Sleep mode
• Module stop mode
• Software standby mode
• Hardware standby mode
• Subclock operation
Clock pulse generator
• On-chip duty correction circuit
Packages
• 80-pin plastic QFP (FP-80A)
• 80-pin plastic TQFP (TFP-80C)
I
2C bus interface
(IIC: 2 channels)
(option in H8S/2138
Group)
• Conforms to Philips I2C bus interface standard
• Single master mode/slave mode
• Arbitration lost condition can be identified
• Supports two slave addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com