Electronic Components Datasheet Search
  English  ▼

X  

HD6432132 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # HD6432132
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432132 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button HD6432132 Datasheet HTML 89Page - Renesas Technology Corp HD6432132 Datasheet HTML 90Page - Renesas Technology Corp HD6432132 Datasheet HTML 91Page - Renesas Technology Corp HD6432132 Datasheet HTML 92Page - Renesas Technology Corp HD6432132 Datasheet HTML 93Page - Renesas Technology Corp HD6432132 Datasheet HTML 94Page - Renesas Technology Corp HD6432132 Datasheet HTML 95Page - Renesas Technology Corp HD6432132 Datasheet HTML 96Page - Renesas Technology Corp HD6432132 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 1061 page
background image
Section 2 CPU
Rev. 4.00 Jun 06, 2006 page 39 of 1004
REJ09B0301-0400
2.5
Data Formats
The CPU can process 1-bit, 4-bit (BCD), 8-bit (byte), 16-bit (word), and 32-bit (longword) data.
Bit-manipulation instructions operate on 1-bit data by accessing bit n (n = 0, 1, 2, …, 7) of byte
operand data. The DAA and DAS decimal-adjust instructions treat byte data as two digits of 4-bit
BCD data.
2.5.1
General Register Data Formats
Figure 2.10 shows the data formats in general registers.
76543210
Don’t care
70
Don’t care
76543210
43
70
70
Don’t care
Upper digit Lower digit
LSB
MSB
LSB
Data Type
General Register
Data Format
1-bit data
1-bit data
4-bit BCD data
4-bit BCD data
Byte data
Byte data
RnH
RnL
RnH
RnL
RnH
RnL
MSB
Don’t care
Upper digit Lower digit
43
70
Don’t care
70
Don’t care
70
Figure 2.10 General Register Data Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com