Electronic Components Datasheet Search
  English  ▼

X  

HD6432132 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # HD6432132
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432132 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button HD6432132 Datasheet HTML 70Page - Renesas Technology Corp HD6432132 Datasheet HTML 71Page - Renesas Technology Corp HD6432132 Datasheet HTML 72Page - Renesas Technology Corp HD6432132 Datasheet HTML 73Page - Renesas Technology Corp HD6432132 Datasheet HTML 74Page - Renesas Technology Corp HD6432132 Datasheet HTML 75Page - Renesas Technology Corp HD6432132 Datasheet HTML 76Page - Renesas Technology Corp HD6432132 Datasheet HTML 77Page - Renesas Technology Corp HD6432132 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 1061 page
background image
Section 1 Overview
Rev. 4.00 Jun 06, 2006 page 20 of 1004
REJ09B0301-0400
Pin No.
Type
Symbol
FP-80A
TFP-80C
I/O
Name and Function
Interrupt
signals
NMI
6
Input
Nonmaskable interrupt: Requests a nonmaskable
interrupt.
IRQ0 to
IRQ7
18 to 20,
78 to 80,
27, 28
Input
Interrupt request 0 to 7: These pins request a
maskable interrupt.
FTCI
21
Input
FRT counter clock input: Input pin for an external
clock signal for the free-running counter (FRC).
16-bit free-
running
timer (FRT)
FTOA
22
Output FRT output compare A output: The output
compare A output pin.
FTOB
27
Output FRT output compare B output: The output
compare B output pin.
FTIA
23
Input
FRT input capture A input: The input capture A
input pin.
FTIB
24
Input
FRT input capture B input: The input capture B
input pin.
FTIC
25
Input
FRT input capture C input: The input capture C
input pin.
FTID
26
Input
FRT input capture D input: The input capture D
input pin.
TMO0
TMO1
TMOX
40
43
28
Output Compare-match output: TMR0, TMR1, and TMRX
compare-match output pins.
8-bit timer
(TMR0,
TMR1,
TMRX,
TMRY)
TMCI0
TMCI1
39
42
Input
Counter external clock input: Input pins for the
external clock input to the TMR0 and TMR1
counters.
TMRI0
TMRI1
41
44
Input
Counter external reset input: TMR0 and TMR1
counter reset input pins.
TMIX
TMIY
21
23
Input
Counter external clock input and reset input:
Dual function as TMRX and TMRY counter clock
input pin and reset input pin.
PWM timer
(PWM)
PW15 to
PW0
48 to 55,
57 to 64
Output PWM timer output: PWM timer pulse output pins.
14-bit PWM
timer
(PWMX)
PWX0
PWX1
45
46
Output PWMX timer output: PWM D/A pulse output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com