Electronic Components Datasheet Search
  English  ▼

X  

HD6432142 Datasheet(PDF) 1169 Page - Renesas Technology Corp

Part # HD6432142
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432142 Datasheet(HTML) 1169 Page - Renesas Technology Corp

Back Button HD6432142 Datasheet HTML 1165Page - Renesas Technology Corp HD6432142 Datasheet HTML 1166Page - Renesas Technology Corp HD6432142 Datasheet HTML 1167Page - Renesas Technology Corp HD6432142 Datasheet HTML 1168Page - Renesas Technology Corp HD6432142 Datasheet HTML 1169Page - Renesas Technology Corp HD6432142 Datasheet HTML 1170Page - Renesas Technology Corp HD6432142 Datasheet HTML 1171Page - Renesas Technology Corp HD6432142 Datasheet HTML 1172Page - Renesas Technology Corp HD6432142 Datasheet HTML 1173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1169 / 1177 page
background image
Appendix D Pin States
Rev. 4.00 Sep 27, 2006 page 1125 of 1130
REJ09B0327-0400
Port Name
Pin Name
MCU Operating
Mode
Reset
Hardware
Standby
Mode
Software
Standby
Mode
Watch
Mode
Sleep
Mode
Sub-
sleep
Mode
Subactive
Mode
Program
Execution
State
1
Clock
output
T
EXCL
input
EXCL
input
EXCL input
2, 3 (EXPE = 1)
T
Port 96
φ
EXCL
2, 3 (EXPE = 0)
[DDR = 1]
H
[DDR = 0]
T
[DDR = 1]
clock
output
[DDR = 0]
T
Clock output/
EXCL input/
input port
1H
T
H
H
H
H
2, 3 (EXPE = 1)
T
AS, HWR,
RD
AS, HWR,
RD
Port 95 to 93
AS, HWR,
RD
2, 3 (EXPE = 0)
keep
keep
keep
keep
I/O port
I/O port
Port 92 to 91
1
T
T
keep
keep
keep
keep
I/O port
I/O port
2, 3 (EXPE = 1)
2, 3 (EXPE = 0)
1
T
T
H/keep
H/keep H/keep
H/keep
2, 3 (EXPE = 1)
LWR/
I/O port
LWR/
I/O port
Port 90
LWR
2, 3 (EXPE = 0)
keep
keep
keep
keep
I/O port
I/O port
1T
T
keep*
keep*
keep*
keep*
I/O port
I/O port
2, 3 (EXPE = 1)
A23 to A16/
I/O port
A23 to A16/
I/O port
Port A
A23 to A16
2, 3 (EXPE = 0)
I/O port
I/O port
1
T
T
T/keep
T/keep
T/keep
T/keep
Port B
D7 to D0
2, 3 (EXPE = 1)
D7 to D0/
I/O port
D7 to D0/
I/O port
2, 3 (EXPE = 0)
keep
keep
keep
keep
I/O port
I/O port
Legend:
H:
High
L:
Low
T:
High-impedance state
keep: Input ports are in the high-impedance state (when DDR = 0 and PCR = 1, MOS input pull-
ups remain on).
Output ports maintain their previous state.
Depending on the pins, the on-chip supporting modules may be initialized and the I/O port
function determined by DDR and DR used.
DDR: Data direction register
Note:
*
In the case of address output, the last address accessed is retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com