Electronic Components Datasheet Search
  English  ▼

X  

HD6432142 Datasheet(PDF) 1172 Page - Renesas Technology Corp

Part # HD6432142
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432142 Datasheet(HTML) 1172 Page - Renesas Technology Corp

Back Button HD6432142 Datasheet HTML 1168Page - Renesas Technology Corp HD6432142 Datasheet HTML 1169Page - Renesas Technology Corp HD6432142 Datasheet HTML 1170Page - Renesas Technology Corp HD6432142 Datasheet HTML 1171Page - Renesas Technology Corp HD6432142 Datasheet HTML 1172Page - Renesas Technology Corp HD6432142 Datasheet HTML 1173Page - Renesas Technology Corp HD6432142 Datasheet HTML 1174Page - Renesas Technology Corp HD6432142 Datasheet HTML 1175Page - Renesas Technology Corp HD6432142 Datasheet HTML 1176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1172 / 1177 page
background image
Appendix F Product Code Lineup
Rev. 4.00 Sep 27, 2006 page 1128 of 1130
REJ09B0327-0400
Product Type
Product Code
Mark Code
Package
(Package
Code)
Notes
H8S/2147N
H8S/2147N
F-ZTAT
version
Standard product
(5-V version)
HD64F2147N
HD64F2147NFA20
100-pin QFP
(FP-100B)
HD64F2147NTE20
100-pin TQFP
(TFP-100B)
Low-voltage version
(3-V version)
HD64F2147NV
HD64F2147NVFA10
100-pin QFP
(FP-100B)
HD64F2147NVTE10
100-pin TQFP
(TFP-100B)
H8S/2144
Group
H8S/2144
Mask-ROM
version
HD6432144S
HD6432144S(V)(***)FA
100-pin QFP
(FP-100B)
Standard product
(5-V version, 4-V version,
3-V version)
HD6432144S(V)(***)TE
100-pin TQFP
(TFP-100B)
F-ZTAT
version
Standard product
(5-V version/4-V version)
HD64F2144
HD64F2144FA20
100-pin QFP
(FP-100B)
HD64F2144TE20
100-pin TQFP
(TFP-100B)
Low-voltage version
(3-V version)
HD64F2144V
HD64F2144VFA10
100-pin QFP
(FP-100B)
HD64F2144VTE10
100-pin TQFP
(TFP-100B)
H8S/2143
Mask-ROM
version
HD6432143S
HD6432143S(V)(***)FA
100-pin QFP
(FP-100B)
Standard product
(5-V version, 4-V version,
3-V version)
HD6432143S(V)(***)TE
100-pin TQFP
(TFP-100B)
H8S/2142
Mask-ROM
version
HD6432142
HD6432142(***)FA
100-pin QFP
(FP-100B)
Standard product
(5-V version, 4-V version,
3-V version)
HD6432142(***)TE
100-pin TQFP
(TFP-100B)
F-ZTAT
version
Standard product
(5-V version/4-V version)
HD64F2142R
HD64F2142RFA20
100-pin QFP
(FP-100B)
HD64F2142RTE20
100-pin TQFP
(TFP-100B)
Low-voltage version
(3-V version)
HD64F2142RV
HD64F2142RVFA10
100-pin QFP
(FP-100B)
HD64F2142RVTE10
100-pin TQFP
(TFP-100B)
H8S/2144A
Standard product
(5-V version/4-V version)
HD64F2144A
HD64F2144AFA20
100-pin QFP
(FP-100B)
F-ZTAT
version
A-mask
version
HD64F2144ATE20
100-pin TQFP
(TFP-100B)
H8S/2144
Group
A-mask
version
Low-voltage version
(3-V version)
HD64F2144AV
HD64F2144AVFA10
100-pin QFP
(FP-100B)
HD64F2144AVTE10
100-pin TQFP
(TFP-100B)
Note:
(***) is the ROM code.
The F-ZTAT version of the H8S/2148 has an on-chip I
2C bus interface as standard.
The F-ZTAT 5 V/4 V version supports the operating ranges of the 5 V version and the 4 V version.
The operating range of the F-ZTAT low-voltage version will be decided later.
The above table includes products under development. Information on the status of individual products
can be obtained from Renesas sales offices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com