Electronic Components Datasheet Search
  English  ▼

X  

HD6432142 Datasheet(PDF) 1173 Page - Renesas Technology Corp

Part # HD6432142
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432142 Datasheet(HTML) 1173 Page - Renesas Technology Corp

Back Button HD6432142 Datasheet HTML 1169Page - Renesas Technology Corp HD6432142 Datasheet HTML 1170Page - Renesas Technology Corp HD6432142 Datasheet HTML 1171Page - Renesas Technology Corp HD6432142 Datasheet HTML 1172Page - Renesas Technology Corp HD6432142 Datasheet HTML 1173Page - Renesas Technology Corp HD6432142 Datasheet HTML 1174Page - Renesas Technology Corp HD6432142 Datasheet HTML 1175Page - Renesas Technology Corp HD6432142 Datasheet HTML 1176Page - Renesas Technology Corp HD6432142 Datasheet HTML 1177Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1173 / 1177 page
background image
Appendix G Package Dimensions
Rev. 4.00 Sep 27, 2006 page 1129 of 1130
REJ09B0327-0400
Appendix G Package Dimensions
The package dimension that is shown in the Renesas Semiconductor Package Data Book has
priority.
NOTE
1. DIMENSIONS"
*1"AND"*2"
DO NOT INCLUDE MOLD FLASH
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
*1
*3
p
D
D
F
100
125
26
76
75
51
50
xM
y
Z
D
H
b
Terminal cross section
p
1
b
b
1
Detail F
L
L
1.0
1.0
0.08
0.10
0.5
8°
0°
0.25
0.12
0.15
0.20
0.00
0.27
0.22
0.17
0.22
0.17
0.12
3.05
16.3
16.0
15.7
L1
ZE
ZD
y
x
c
b1
bp
A
HD
A2
E
D
A1
c1
e
e
L
HE
0.7
0.5
0.3
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
14
2.70
16.3
16.0
15.7
1.0
14
θ
θ
P-QFP100-14x14-0.50
1.2g
MASS[Typ.]
FP-100B/FP-100BV
PRQP0100KA-A
RENESAS Code
JEITA Package Code
Previous Code
Figure G.1 Package Dimensions (FP-100B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com