Electronic Components Datasheet Search
  English  ▼

X  

HD6432142 Datasheet(PDF) 1170 Page - Renesas Technology Corp

Part # HD6432142
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432142 Datasheet(HTML) 1170 Page - Renesas Technology Corp

Back Button HD6432142 Datasheet HTML 1166Page - Renesas Technology Corp HD6432142 Datasheet HTML 1167Page - Renesas Technology Corp HD6432142 Datasheet HTML 1168Page - Renesas Technology Corp HD6432142 Datasheet HTML 1169Page - Renesas Technology Corp HD6432142 Datasheet HTML 1170Page - Renesas Technology Corp HD6432142 Datasheet HTML 1171Page - Renesas Technology Corp HD6432142 Datasheet HTML 1172Page - Renesas Technology Corp HD6432142 Datasheet HTML 1173Page - Renesas Technology Corp HD6432142 Datasheet HTML 1174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1170 / 1177 page
background image
Appendix E Timing of Transition to and Recovery from Hardware Standby Mode
Rev. 4.00 Sep 27, 2006 page 1126 of 1130
REJ09B0327-0400
Appendix E Timing of Transition to and Recovery from
Hardware Standby Mode
E.1
Timing of Transition to Hardware Standby Mode
(1) To retain RAM contents with the RAME bit set to 1 in SYSCR, drive the
RES signal low 10
system clock cycles before the
STBY signal goes low, as shown in figure E.1. RES must
remain low until
STBY signal goes low (minimum delay from STBY low to RES high: 0 ns).
STBY
RES
t2 ≥ 0 ns
t1 ≥ 10 tcyc
Figure E.1 Timing of Transition to Hardware Standby Mode
(2) To retain RAM contents with the RAME bit cleared to 0 in SYSCR, or when RAM contents do
not need to be retained,
RES does not have to be driven low as in (1).
E.2
Timing of Recovery from Hardware Standby Mode
Drive the
RES signal low at least 100 ns before STBY goes high to execute a reset.
STBY
RES
tOSC1
t
≥ 100 ns
Figure E.2 Timing of Recovery from Hardware Standby Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com