Electronic Components Datasheet Search
  English  ▼

X  

H83068F Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # H83068F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83068F Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button H83068F Datasheet HTML 93Page - Renesas Technology Corp H83068F Datasheet HTML 94Page - Renesas Technology Corp H83068F Datasheet HTML 95Page - Renesas Technology Corp H83068F Datasheet HTML 96Page - Renesas Technology Corp H83068F Datasheet HTML 97Page - Renesas Technology Corp H83068F Datasheet HTML 98Page - Renesas Technology Corp H83068F Datasheet HTML 99Page - Renesas Technology Corp H83068F Datasheet HTML 100Page - Renesas Technology Corp H83068F Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 935 page
background image
Section 4 Exception Handling
Rev. 3.00 Sep 14, 2005 page 75 of 910
REJ09B0258-0300
Table 4.2
Exception Vector Table
Vector Address*
1
Exception Source
Vector Number
Advanced Mode
Normal Mode
Reset
0
H'0000 to H'0003
H'0000 to H'0001
Reserved for system use
1
H'0004 to H'0007
H'0002 to H'0003
2
H'0008 to H'000B
H'0004 to H'0005
3
H'000C to H'000F
H'0006 to H'0007
4
H'0010 to H'0013
H'0008 to H'0009
5
H'0014 to H'0017
H'000A to H'000B
6
H'0018 to H'001B
H'000C to H'000D
External interrupt (NMI)
7
H'001C to H'001F
H'000E to H'000F
Trap instruction (4 sources)
8
H'0020 to H'0023
H'0010 to H'0011
9
H'0024 to H'0027
H'0012 to H'0013
10
H'0028 to H'002B
H'0014 to H'0015
11
H'002C to H'002F
H'0016 to H'0017
External interrupt IRQ0
12
H'0030 to H'0033
H'0018 to H'0019
External interrupt IRQ1
13
H'0034 to H'0037
H'001A to H'001B
External interrupt IRQ2
14
H'0038 to H'003B
H'001C to H'001D
External interrupt IRQ3
15
H'003C to H'003F
H'001E to H'001F
External interrupt IRQ4
16
H'0040 to H'0043
H'0020 to H'0021
External interrupt IRQ5
17
H'0044 to H'0047
H'0022 to H'0023
Reserved for system use
18
H'0048 to H'004B
H'0024 to H'0025
19
H'004C to H'004F
H'0026 to H'0027
Internal interrupts*
2
20
to
63
H'0050 to H'0053
to
H'00FC to H'00FF
H'0028 to H'0029
to
H'007E to H'007F
Notes: 1. Lower 16 bits of the address.
2. For the internal interrupt vectors, see section 5.3.3, Interrupt Vector Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com