Electronic Components Datasheet Search
  English  ▼

X  

H83068F Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # H83068F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83068F Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button H83068F Datasheet HTML 25Page - Renesas Technology Corp H83068F Datasheet HTML 26Page - Renesas Technology Corp H83068F Datasheet HTML 27Page - Renesas Technology Corp H83068F Datasheet HTML 28Page - Renesas Technology Corp H83068F Datasheet HTML 29Page - Renesas Technology Corp H83068F Datasheet HTML 30Page - Renesas Technology Corp H83068F Datasheet HTML 31Page - Renesas Technology Corp H83068F Datasheet HTML 32Page - Renesas Technology Corp H83068F Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 935 page
background image
Section 1 Overview
Rev. 3.00 Sep 14, 2005 page 7 of 910
REJ09B0258-0300
1.3
Pin Description
1.3.1
Pin Arrangement
The pin arrangement of the H8/3068F FP-100B and TFP-100B packages is shown in figure 1.2.
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
A13/P25
A12/P24
A11/P23
A10/P22
A9/P21
A8/P20
VSS
A7/P17
A6/P16
A5/P15
A4/P14
A3/P13
A2/P12
A1/P11
A0/P10
VCC
D15/P37
D14/P36
D13/P35
D12/P34
D11/P33
D10/P32
D9/P31
D8/P30
D7/P47
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
AVCC
VREF
P70/AN0
P71/AN1
P72/AN2
P73/AN3
P74/AN4
P75/AN5
P76/AN6/DA0
P77/AN7/DA1
AVSS
P80/IRQ0/RFSH
P81/IRQ1/CS3
P82/IRQ2/CS2
P83/IRQ3/CS1/ADTRG
P84/CS0
VSS
PA0/TP0/TCLKA/TEND0
PA1/TP1/TCLKB/TEND1
PA2/TP2/TIOCA0/TCLKC
PA3/TP3/TIOCB0/TCLKD
PA4/TP4/TIOCA1/A23
PA5/TP5/TIOCB1/A22
PA6/TP6/TIOCA2/A21
PA7/TP7/TIOCB2/A20
Top view
(FP-100B, TFP-100B)
Note: * Functions as VCL pin. When functioning as VCL pin, the connection of an external capacitor
is required.
1
0.1
µF
Figure 1.2 Pin Arrangement (FP-100B or TFP-100B, Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com