Electronic Components Datasheet Search
  English  ▼

X  

R8C11 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # R8C11
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C11 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button R8C11 Datasheet HTML 34Page - Renesas Technology Corp R8C11 Datasheet HTML 35Page - Renesas Technology Corp R8C11 Datasheet HTML 36Page - Renesas Technology Corp R8C11 Datasheet HTML 37Page - Renesas Technology Corp R8C11 Datasheet HTML 38Page - Renesas Technology Corp R8C11 Datasheet HTML 39Page - Renesas Technology Corp R8C11 Datasheet HTML 40Page - Renesas Technology Corp R8C11 Datasheet HTML 41Page - Renesas Technology Corp R8C11 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 227 page
background image
R8C/11 Group
Rev.1.20
Jan 27, 2006
page 27 of 204
REJ09B0062-0120
Figure 5.13 Operation Detection Interrupt Generation Block
Voltage detection interrupt generation circuit
Oscillation stop
detection
interrupt signal
Watchdog timer block
This bit is set to “0”(not detected) by writing a “0” in a program.
D43
D41
CM10
D40
VC27
VCC1
Internal
reference
voltage
+
-
(Canceller width: 200 ns)
VC13
Voltage detection signal
is “H” when VC27 bit= 0
(disabled)
Noise rejection
circuit
Digital
filter
fRING-S
D42
DF1 to DF0
1/2
=002
=012
=102
=112
1/2
1/2
Noise
canceller
Voltage
detection
signal
Watchdog timer
underflow signal
D42 bit is set to “0”(not detected)
by writing a “0” in a program.
When VC27 bit is set to “0”
(voltage detection circuit
disabled), D42 bit is set to “0” .
Voltage detection circuit
Voltage
detection
interrupt signal
Watchdog
timer interrupt
signal
Non-maskable
interrupt signal
D46
Hardware reset 2
D40, D41, D42, D43, DF0, DF1, D46, D47: Bits in D4INT register
CM02: Bit in CM0 register
VC13: Bit in VCR1 register
CM10: Bit in CM1 register
VC27: Bit in VCR2 register
D47
Figure 5.14 Voltage Detection Interrupt Generation Circuit Operation Example
Output of digital filter(2)
D42 bit
D42: Bit in D4INT register
VC13: Bit in VCR1 register
Voltage detection
interrupt signal
No voltage detection interrupt
signals are generated when D42 bit
is “H”.
sampling
Set D42 bit to “0”
in a program (not
detected)
VC13 bit
VCC
sampling
sampling
sampling
Set D42 bit to “0”
in a program (not
detected)
NOTES:
1. D40 is “1”(voltage detection interrupt enabled).
2. Output of the digital filter shown in Figure 5.11
5.4 Voltage Detection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com