Electronic Components Datasheet Search
  English  ▼

X  

R8C11 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # R8C11
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C11 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button R8C11 Datasheet HTML 25Page - Renesas Technology Corp R8C11 Datasheet HTML 26Page - Renesas Technology Corp R8C11 Datasheet HTML 27Page - Renesas Technology Corp R8C11 Datasheet HTML 28Page - Renesas Technology Corp R8C11 Datasheet HTML 29Page - Renesas Technology Corp R8C11 Datasheet HTML 30Page - Renesas Technology Corp R8C11 Datasheet HTML 31Page - Renesas Technology Corp R8C11 Datasheet HTML 32Page - Renesas Technology Corp R8C11 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 227 page
background image
R8C/11 Group
Rev.1.20
Jan 27, 2006
page 18 of 204
REJ09B0062-0120
5.1.3 Power-on Reset Function
The power-on reset is the function which can reset the microcomputer without the external reset
____________
circuit. The RESET pin should be connected to the VCC pin via about 5 k
Ω pull-up resistance using the
power-on reset function, the function turns to active and the microcomputer has its pins, CPU and
____________
SFR initialized. When a capacitor is connected to the RESET pin, always keep the voltage to the
____________
RESET pin 0.8 VCC or more.
When the input voltage at the VCC pin reaches to the Vdet level, count operation of the low-speed on-
chip oscillator clock starts. When the operation counts the low-speed on-chip oscillator clock for 32
times, the internal reset is released. Then the program is executed starting from the address indi-
cated by the reset vector. The initialized pins and registers and the status thereof are the same as in
hardware reset 1 excluding the following bits.
• The D40 bit in the D4INT register turns to “1” automatically (voltage detection interrupt enabled)
• The D46 bit in the D4INT register turns to “1” automatically (hardware reset 2 when going through
Vdet)
Additionally, the hardware reset 2 turns to active after the power-on reset. This is because the VC27
bit in the VCR2 register is set to “1” (voltage detection circuit enabled) after the power-on reset same
as the hardware reset 1, so that hardware reset 2 active conditions are all satisfied including above
D40 and D46 bit conditions.
Figure 5.5 shows the power-on reset circuit. Figure 5.6 shows the power-on reset operation.
Figure 5.5 Power-on Reset Circuit
Internal reset signal
RESET
S
R
Q
VCC
≥ Vdet detection
5-bit
counter
fRING-S
Trigger
5.1 Hardware Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com