Electronic Components Datasheet Search
  English  ▼

X  

R8C11 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # R8C11
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C11 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button R8C11 Datasheet HTML 27Page - Renesas Technology Corp R8C11 Datasheet HTML 28Page - Renesas Technology Corp R8C11 Datasheet HTML 29Page - Renesas Technology Corp R8C11 Datasheet HTML 30Page - Renesas Technology Corp R8C11 Datasheet HTML 31Page - Renesas Technology Corp R8C11 Datasheet HTML 32Page - Renesas Technology Corp R8C11 Datasheet HTML 33Page - Renesas Technology Corp R8C11 Datasheet HTML 34Page - Renesas Technology Corp R8C11 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 227 page
background image
R8C/11 Group
Rev.1.20
Jan 27, 2006
page 20 of 204
REJ09B0062-0120
5.2 Software Reset
When the PM03 bit in the PM0 register is set to “1” (microcomputer reset), the microcomputer has its pins,
CPU, and SFR initialized. Then the program is executed starting from the address indicated by the reset
vector. After reset, the low-speed on-chip oscillator clock divided by 8 is automatically selected for the
CPU. Some SFRs are not initialized by the software reset. Refer to Chapter 4, “SFR.”
5.3 Watchdog Timer Reset
Where the PM12 bit in the PM1 register is “1” (reset when watchdog timer underflows), the microcom-
puter initializes its pins, CPU and SFR if the watchdog timer underflows. Then the program is executed
starting from the address indicated by the reset vector. After reset, the low-speed on-chip oscillator clock
divided by 8 is automatically selected for the CPU. Some SFRs are not initialized by the watchdog timer
reset. Refer to Chapter 4, “SFR.”
5.2 Software Reset, 5.3 Watchdog Timer Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com