Electronic Components Datasheet Search
  English  ▼

X  

32185 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 32185
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32185 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 32185 Datasheet HTML 18Page - Renesas Technology Corp 32185 Datasheet HTML 19Page - Renesas Technology Corp 32185 Datasheet HTML 20Page - Renesas Technology Corp 32185 Datasheet HTML 21Page - Renesas Technology Corp 32185 Datasheet HTML 22Page - Renesas Technology Corp 32185 Datasheet HTML 23Page - Renesas Technology Corp 32185 Datasheet HTML 24Page - Renesas Technology Corp 32185 Datasheet HTML 25Page - Renesas Technology Corp 32185 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 1032 page
background image
1
OVERVIEW
1-4
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
1.1 Outline of 32185/32186 Group
1.1.5 Built-in Clock Frequency Multiplier
• The 32185/32186 contains a clock frequency multiplier, which is schematically shown in Figure 1.1.1
below.
X8
1/4
PLL
1/2
CLKO
SEL
CLKOUT(external bus clock)
(20MHz or 10MHz)
XIN pin
(10MHz)
BCLK (peripheral clock)
(20MHz)
CPUCLK (CPU clock)
(80MHz)
Figure 1.1.1 Conceptual Diagram of the Clock Frequency Multiplier
Table 1.1.2 Clock
Functional Block
Features
CPUCLK
• CPU clock: Defined as f(CPUCLK) when it indicates the operating clock frequency for
the M32R-FPU core, internal flash memory and internal RAM.
BCLK
• Peripheral clock: Defined as f(BCLK) when it indicates the operating clock frequency
for the internal peripheral I/O and external data bus.
Clock output
• BCLK pin output: A clock with the same frequency as f(BCLK) is output from this pin.
• CLKOUT pin output: A clock with the same or half frequency as f(BCLK) is output from this pin.
1.1.6 Powerful Peripheral Functions Built-in
(1) 8-level interrupt controller (ICU)
(2) 10-channel DMAC
(3) 55-channel multijunction timer (MJT)
(4) 16-channel A/D converter (ADC)
(5) 6-channel serial interface (SIO)
(6) 2-channel Full-CAN
(7) Direct RAM interface (DRI)
(8) Real-time debugger (RTD)
(9) Non-break debug (NBD)
(10) Wait controller
(11) M32R Family’s common debug function (Scalable Debug Interface or SDI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com