Electronic Components Datasheet Search
  English  ▼

X  

32185 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # 32185
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32185 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button 32185 Datasheet HTML 26Page - Renesas Technology Corp 32185 Datasheet HTML 27Page - Renesas Technology Corp 32185 Datasheet HTML 28Page - Renesas Technology Corp 32185 Datasheet HTML 29Page - Renesas Technology Corp 32185 Datasheet HTML 30Page - Renesas Technology Corp 32185 Datasheet HTML 31Page - Renesas Technology Corp 32185 Datasheet HTML 32Page - Renesas Technology Corp 32185 Datasheet HTML 33Page - Renesas Technology Corp 32185 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 1032 page
background image
1
OVERVIEW
1-12
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Table 1.3.1 Description of Pin Functions (3/3)
Type
Pin Name
Signal Name
Input/Output Description
Serial interface TXD0–TXD5 Transmit data
Output
Transmit data output pin for serial interface.
RXD0–RXD5 Received data
Input
Received data input pin for serial interface.
Real-time
RTDTXD
RTD transmit data
Output
Serial data output pin for the real-time debugger.
debugger
RTDRXD
RTD received data
Input
Serial data input pin for the real-time debugger.
(RTD)
RTDCLK
RTD clock input
Input
Serial data transmit/receive clock input pin for the real-time
debugger.
RTDACK
RTD acknowledge
Output
A “L” level pulse is output from this pin synchronously with
the start clock for the real-time debugger’s serial data output
word. The “L” level pulse width indicates the type of command/
data received by the real-time debugger.
CAN
CTX0, CTX1 Transmit data
Output
This pin outputs data from the CAN module.
CRX0, CRX1 Received data
Input
This pin inputs the data for the CAN module.
JTAG
JTMS
Test mode select
Input
Test mode select input to control the state transition of the
test circuit.
JTCK
Test clock
Input
Clock input for the debug module and test circuit.
JTRST
Test reset
Input
Test reset input to initialize the test circuit asynchronously
with device operation.
JTDI
Test data input
Input
This pin inputs the test instruction code or test data that is
serially received.
JTDO
Test data output
Output
This pin outputs the test instruction code or test data serially.
NBD
NBDD0
Command/
Input/output
NBD command, address, and data input/output pins.
–NBDD3
Address/Data
NBDCLK
Synchronous clock
Input
NBD synchronous clock input pin.
input
NBDSYNC#
Top of data input
Input
Input pin to control the start position of NBD data.
NBDEVNT#
Event output
Output
Output pin used for event output when an NBD event occurs.
DRI
DD0–DD31
DD input
Input
DRI data input pin.
DIN0–DIN4
DIN input
Input
DRI event input pin.
Input/output
P00–P07
Input/output port 0
Input/output
Programmable input/output port.
ports
P10–P17
Input/output port 1
Input/output
(Note 1)
P20–P27
Input/output port 2
Input/output
P30–P37
Input/output port 3
Input/output
P41–P47
Input/output port 4
Input/output
P61–P63
Input/output port 6
Input/output
P70–P77
Input/output port 7
Input/output
P82–P87
Input/output port 8
Input/output
P93–P97
Input/output port 9
Input/output
P100–P107
Input/output port 10 Input/output
P110–P117
Input/output port 11 Input/output
P124–P127
Input/output port 12 Input/output
P130–P137
Input/output port 13 Input/output
P150, P153
Input/output port 15 Input/output
P174, P175
Input/output port 17 Input/output
P220,
Input/output port 22 Input/output
P221 (Note 2),
P224, P225
Note 1: Input/output ports 5, 14, 16 and 18
−21 are nonexistent.
Note 2: P221 is input-only port.
1.3 Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com