Electronic Components Datasheet Search
  English  ▼

X  

32185 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # 32185
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32185 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button 32185 Datasheet HTML 28Page - Renesas Technology Corp 32185 Datasheet HTML 29Page - Renesas Technology Corp 32185 Datasheet HTML 30Page - Renesas Technology Corp 32185 Datasheet HTML 31Page - Renesas Technology Corp 32185 Datasheet HTML 32Page - Renesas Technology Corp 32185 Datasheet HTML 33Page - Renesas Technology Corp 32185 Datasheet HTML 34Page - Renesas Technology Corp 32185 Datasheet HTML 35Page - Renesas Technology Corp 32185 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 1032 page
background image
1
OVERVIEW
1-14
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
The pins directed for input go to a high-impedance state (Hi-Z) when reset. The term “when reset” means
that input on RESET# pin is held “L” (the device remains reset), and that the RESET# pin is released back
“H” (the device comes out of reset).
Table 1.4.1 Pin Assignments of the 32185/32186 Group (1/4)
Note1: The pins are outputted at two places.
-
-
-
-
Function
P221
P225
A12
VSS
XIN
XOUT
VCC-BUS
P224
A11
P30
A15
P31
A16
P32
A17
P33
A18
P34
A19
P35
A20
P36
A21
P37
A22
P20
A23
P21
A24
P22
A25
P23
A26
VCC-BUS
VSS
P24
A27
P25
A28
P26
A29
P27
A30
P00
DB0
Type
Input
Input
Output
-
Input
Output
-
Input
Output
Input
Output
Input
Output
Input
Output
Input
Output
Input
Output
Input
Output
Input
Output
Input
Output
Input
Output
Input
Output
Input
Output
Input
Output
-
-
Input
Output
Input
Output
Input
Output
Input
Output
Input
Input/output
State
during reset
Hi-Z
Hi-Z
Hi-Z
-
-
XOUT
-
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
-
-
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
State upon
exitingreset
Hi-Z
Hi-Z
Undefined
-
-
XOUT
-
Hi-Z
Undefined
Hi-Z
Undefined
Hi-Z
Undefined
Hi-Z
Undefined
Hi-Z
Undefined
Hi-Z
Undefined
Hi-Z
Undefined
Hi-Z
Undefined
Hi-Z
Undefined
Hi-Z
Undefined
Hi-Z
Undefined
Hi-Z
Undefined
Hi-Z
Undefined
-
-
Hi-Z
Undefined
Hi-Z
Undefined
Hi-Z
Undefined
Hi-Z
Undefined
Hi-Z
Hi-Z
-
-
-
-
-
-
-
-
-
-
During single-chip and
external extension modes
During processor mode
During single-chip and
external extension modes
During processor mode
During single-chip and
external extension modes
During processor mode
During single-chip and
external extension modes
During processor mode
During single-chip and
external extension modes
During processor mode
During single-chip and
external extension modes
During processor mode
During single-chip and
external extension modes
During processor mode
During single-chip and
external extension modes
During processor mode
During single-chip and
external extension modes
During processor mode
During single-chip and
external extension modes
During processor mode
During single-chip and
external extension modes
During processor mode
During single-chip and
external extension modes
During processor mode
During single-chip and
external extension modes
During processor mode
During single-chip and
external extension modes
During processor mode
During single-chip and
external extension modes
During processor mode
During single-chip and
external extension modes
During processor mode
During single-chip and
external extension modes
During processor mode
During single-chip and
external extension modes
During processor mode
During single-chip and
external extension modes
During processor mode
Condition
Function
Pin state when reset
Symbol
Function 2
HREQ#(Note1)
TO21(Note1)
CS2#(Note1)
TIN30
TIN31
TIN32
TIN33
CS3#(Note1)
TIN4
TIN5
TIN6
TIN7
Port
P221
-
-
-
-
-
-
P224
P30
P225
P31
P32
P34
P33
P35
P36
P20
P37
P21
P22
P24
P23
P25
P26
P00
P27
Function 1
CRX0(Note1)
VSS
XIN
XOUT
VCC-BUS
VCC-BUS
VSS
A11
A15
A12
A16
A17
A19
A18
A20
A21
A23
A22
A24
A25
A27
A26
A28
A29
DB0
A30
1
3
4
5
6
20
21
7
Pin
No.
2
8
9
10
11
12
13
14
15
16
17
18
19
22
23
24
25
26
P221/CRX0/HREQ#
VSS
XIN
XOUT
VCC-BUS
VCC-BUS
VSS
P224/A11/CS2#
P225/A12/CS3#
P30/A15/TIN4/DD16
P31/A16/TIN5/DD17
P32/A17/TIN6/DD18
P33/A18/TIN7/DD19
P34/A19/TIN30/DD20
P35/A20/TIN31/DD21
P36/A21/TIN32/DD22
P37/A22/TIN33/DD23
P20/A23/DD24
P21/A24/DD25
P22/A25/DD26
P23/A26/DD27
P24/A27/DD28
P25/A28/DD29
P26/A29/DD30
P27/A30/DD31
P00/DB0/TO21/DD0
-
-
Power
supply
VCC-BUS
VCC-BUS
VCC-BUS
VCC-BUS
Input
-
Input
Output
-
-
-
Type
Input/
output
Input/
output
Input/
output
Input/
output
Input/
output
Input/
output
Input/
output
Input/
output
Input/
output
Input/
output
Input/
output
Input/
output
Input/
output
Input/
output
Input/
output
Input/
output
Input/
output
Input/
output
Input/
output
DRI function
NBD function
-
-
-
-
-
-
-
-
DD16
-
DD19
DD17
DD18
DD20
DD23
DD21
DD22
DD24
DD27
DD25
DD26
DD28
DD0(Note1)
DD29
DD30
DD31
-
-
1.4 Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com