Electronic Components Datasheet Search
  English  ▼

X  

R8C/11 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # R8C/11
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/11 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button R8C/11 Datasheet HTML 32Page - Renesas Technology Corp R8C/11 Datasheet HTML 33Page - Renesas Technology Corp R8C/11 Datasheet HTML 34Page - Renesas Technology Corp R8C/11 Datasheet HTML 35Page - Renesas Technology Corp R8C/11 Datasheet HTML 36Page - Renesas Technology Corp R8C/11 Datasheet HTML 37Page - Renesas Technology Corp R8C/11 Datasheet HTML 38Page - Renesas Technology Corp R8C/11 Datasheet HTML 39Page - Renesas Technology Corp R8C/11 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 227 page
background image
R8C/11 Group
Rev.1.20
Jan 27, 2006
page 25 of 204
REJ09B0062-0120
VCC
Internal reset signal(D46 bit = 1)
VC13 bit
VC27 bit
Vdet
Voltage detection
interrupt request
(D46 bit = 0)
5.0V
Set to "1" by program (voltage detection circuit enabled)
Interrupt acknowledged
The above applies to the following conditions.
D4INT register D40 = 1 (voltage detection interrupt enabled)
D4INT register D41 = 1 (digital filter disabled mode)
D4INT register D47 = 1 ( Vcc is below Vdet)
Sampling time : 4 cycles of sampling clock selected in DF0 bit to DF1 bit
CM 10 bit
CM10 : CM1 register bit
VC13 : VCR1 register bit
VC27 : VCR2 register bit
D46 : D4INT register bit
Figure 5.11 Operation Example of Voltage Detection Circuit to get out of Stop mode (1)
5.0V
VCC
VC13 bit
VC27 bit
Vdet
Voltage detection
interrupt request
(D46 bit = 0)
Set to "1" by program (voltage detection circuit enabled)
Interrupt acknowledged
The above applies to the following conditions.
D4INT register D40 bit = 1 (voltage detection interrupt enabled)
D4INT register D41 bit = 1 (digital filter disabled mode)
D4INT register D47 bit = 0 (Vcc is over Vdet)
Sampling time : 4 cycles of sampling clock selected in DF0 bit to DF1 bit
CM10 bit
CM10 : CN1 register bit
VC13 : VCR1 register bit
VC27 : VCR2 register bit
D46 : D4INT register bit
Figure 5.12 Operation Example of Voltage Detection Circuit to get out of Stop mode (2)
5.4 Voltage Detection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com