Electronic Components Datasheet Search
  English  ▼

X  

R8C/11 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # R8C/11
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/11 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button R8C/11 Datasheet HTML 96Page - Renesas Technology Corp R8C/11 Datasheet HTML 97Page - Renesas Technology Corp R8C/11 Datasheet HTML 98Page - Renesas Technology Corp R8C/11 Datasheet HTML 99Page - Renesas Technology Corp R8C/11 Datasheet HTML 100Page - Renesas Technology Corp R8C/11 Datasheet HTML 101Page - Renesas Technology Corp R8C/11 Datasheet HTML 102Page - Renesas Technology Corp R8C/11 Datasheet HTML 103Page - Renesas Technology Corp R8C/11 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 227 page
background image
R8C/11 Group
Rev.1.20
Jan 27, 2006
page 89 of 204
REJ09B0062-0120
Figure 12.20 PREZ Register, TZSC Register, TZPR Register, and TYZOC Register
NOTES:
1. Each value in the TZPR register and TZSC register is reloaded to the counter alternately for counting.
2. The count value can be read out by reading the TZSC register even when the secondary period is being
counted.
NOTES:
1. Each value in the TZPR register and TZSC register is reloaded to the counter alternately for counting.
SymbolAddressAfter reset
PREZ008516
FF16
b7
b0
RW
Internal count source or Timer Y
underflow is counted
FunctionSetting range
Prescaler Z register
0016 to FF16
Internal count source or Timer Y
underflow is counted
0016 to FF16
Internal count source or Timer Y
underflow is counted0016 to FF16
Timer mode
Programmable
waveform
generation mode
Programmable
one-shot
generation mode
Mode
RW
RW
RW
Internal count source or Timer Y
underflow is counted
0016 to FF16
Programmable wait
one-shot generation
mode
RW
SymbolAddressAfter reset
TZSC008616
FF16
b7
b0
RW
Invalid
FunctionSetting range
Timer Z Secondary register
Underflow of
Prescaler Z is counted(1)
0016 to FF16
Invalid
Timer mode
Programmable
waveform
generation mode
Programmable
one-shot
generation mode
Mode
WO(2)
Underflow of Prescaler Z is
counted
(One-shot width is counted)
0016 to FF16
Programmable wait
one-shot generation
mode
WO
SymbolAddressAfter reset
TZPR008716
FF16
b7
b0
RW
Underflow of Prescaler Z is
counted
FunctionSetting range
Timer Z Primary register
0016 to FF16
Underflow of
Prescaler Z is counted(1)
0016 to FF16
Underflow of Prescaler Z is
counted
(One-shot width is counted)
0016 to FF16
Timer mode
Programmable
waveform
generation mode
Programmable
one-shot
generation mode
Mode
RW
RW
RW
Underflow of Prescaler Z is
counted
(Wait period is counted)
0016 to FF16
Programmable wait
one-shot generation
mode
RW
Timer Y, Z output control register(3)
SymbolAddressAfter reset
TYZOC008A16
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
TZOCNT
TYOCNT
TZOS
Nothing is assigned.
When write, set to "0". When read, its content is "0".
Timer Z one-shot
start bit(1)
Timer Y programmable
waveform generation
output switching bit(2)
0 : Outputs programmable waveform
1 : Outputs the value of P32 port register
0 : Outputs programmable waveform
1 : Outputs the value of P31 port register
0 : Stops one-shot
1 : Starts one-shot
Timer Z programmable
waveform generation
output switching bit(2)
NOTES:
1. This bit is set to "0" when the output of one-shot waveform is completed. The TZOS bit should be set to "0" if the
one-shot waveform output is terminated by setting the TZS bit in the TYZMR to "0" during the waveform output.
2. This bit is enabled only when operating in programmable waveform generation mode.
3. If executing an instruction which changes this register when the TZOS bit is “1” (during the count), the TZOS is
automatically set to “0” when the count completes while the instruction is executed. If this causes some problems,
execute an instruction which changes this register when the TZOS bit is “0” (one shot stop).
RW
RW
RW
RW
(b7-b3)
12.3 Timer (Timer Z)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com