Electronic Components Datasheet Search
  English  ▼

X  

R8C/11 Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # R8C/11
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/11 Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button R8C/11 Datasheet HTML 84Page - Renesas Technology Corp R8C/11 Datasheet HTML 85Page - Renesas Technology Corp R8C/11 Datasheet HTML 86Page - Renesas Technology Corp R8C/11 Datasheet HTML 87Page - Renesas Technology Corp R8C/11 Datasheet HTML 88Page - Renesas Technology Corp R8C/11 Datasheet HTML 89Page - Renesas Technology Corp R8C/11 Datasheet HTML 90Page - Renesas Technology Corp R8C/11 Datasheet HTML 91Page - Renesas Technology Corp R8C/11 Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 227 page
background image
R8C/11 Group
Rev.1.20
Jan 27, 2006
page 77 of 204
REJ09B0062-0120
FFFF16
n
000016
n = high-level: the contents of TX register, low-level: the contents of PREX register
Count stop
Set to "1" by program
Count start
Underflow
TXS bit in TXMR
register
Measurement pulse
(CNTR0 pin input)
IR bit in INT1IC
register
Conditions: "H" level width of measurement pulse is measured. (R0EDG=1)
“1”
“0”
IR bit in TXIC
register
Cleared to “0” when interrupt request is accepted, or cleared by program
“H”
“L”
“1”
“0”
“1”
“0”
Count stop
Count restart
Time
Cleared to “0” when interrupt request is accepted, or cleared by program
Figure 12.8 Operation Example in Pulse Width Measurement Mode
12.1 Timer (Timer X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com