Electronic Components Datasheet Search
  English  ▼

X  

R8C/11 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # R8C/11
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/11 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button R8C/11 Datasheet HTML 115Page - Renesas Technology Corp R8C/11 Datasheet HTML 116Page - Renesas Technology Corp R8C/11 Datasheet HTML 117Page - Renesas Technology Corp R8C/11 Datasheet HTML 118Page - Renesas Technology Corp R8C/11 Datasheet HTML 119Page - Renesas Technology Corp R8C/11 Datasheet HTML 120Page - Renesas Technology Corp R8C/11 Datasheet HTML 121Page - Renesas Technology Corp R8C/11 Datasheet HTML 122Page - Renesas Technology Corp R8C/11 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 227 page
background image
R8C/11 Group
12.4 Timer (Timer C)
Rev.1.20
Jan 27, 2006
page 108 of 204
REJ09B0062-0120
Figure 12.34 Operation Example of Timer C in Output Compare Mode
Set value in TM1 register
000016
Time
TCC00 bit in
TCC0 register
IR bit in CMP0IC
register
Set to “1” by program
Count start
IR bit in CMP1IC
register
Set to “0” when interrupt request is
accepted, or set by program
The above applies to the following conditions.
TCC12 bit in TCC1 register=1 (TC register is set to “000016” at Compare 1 match occurrence )
TCC13 bit in TCC1 register=1 (Compare 0 output selected)
TCC15 to TCC14 bits in TCC1 register =112 (CMP output level is set to high at Compare 0 match
occurrence)TCC17 to TCC16 bits in TCC1 register=102 (CMP output level is set to low at Compare 1 match
occurrence)
TCOUT6 bit in TCOUT register=0 (not reversed)
TCOUT7 bit in TCOUT register =1 (reversed)
TCOUT0 bit in TCOUT register=1 (CMP00 output enabled)
TCOUT3 bit in TCOUT register=1 (CMP10 output enabled)
P1_0 bit in P1 register=1 (high)
P3_0 bit in P3 register=1 (high)
Set to “0” when interrupt request is accepted, or set by program
Set value in TM0 register
CMP00 output
“1”
“0”
CMP10 output
Match
Match
Match
“1”
“0”
“1”
“0”
“1”
“0”
“1”
“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com