Electronic Components Datasheet Search
  English  ▼

X  

R8C/11 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # R8C/11
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/11 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button R8C/11 Datasheet HTML 125Page - Renesas Technology Corp R8C/11 Datasheet HTML 126Page - Renesas Technology Corp R8C/11 Datasheet HTML 127Page - Renesas Technology Corp R8C/11 Datasheet HTML 128Page - Renesas Technology Corp R8C/11 Datasheet HTML 129Page - Renesas Technology Corp R8C/11 Datasheet HTML 130Page - Renesas Technology Corp R8C/11 Datasheet HTML 131Page - Renesas Technology Corp R8C/11 Datasheet HTML 132Page - Renesas Technology Corp R8C/11 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 227 page
background image
R8C/11 Group
13.1 Clock Synchronous Serial I/O Mode
Rev.1.20
Jan 27, 2006
page 118 of 204
REJ09B0062-0120
13.1.3 Continuous Receive Mode
Continuous receive mode is held by setting setting the U0RRM bit in the UCON register to “1” (en-
ables continuous receive mode). In this mode, reading the U0RB register sets the TI bit in the U0C1
register to “0”(data in the U0TB register). When the U0RRM bit is set to “1”, do not write dummy data
to tge U0TB register in a program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com