Electronic Components Datasheet Search
  English  ▼

X  

R8C/11 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # R8C/11
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/11 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button R8C/11 Datasheet HTML 132Page - Renesas Technology Corp R8C/11 Datasheet HTML 133Page - Renesas Technology Corp R8C/11 Datasheet HTML 134Page - Renesas Technology Corp R8C/11 Datasheet HTML 135Page - Renesas Technology Corp R8C/11 Datasheet HTML 136Page - Renesas Technology Corp R8C/11 Datasheet HTML 137Page - Renesas Technology Corp R8C/11 Datasheet HTML 138Page - Renesas Technology Corp R8C/11 Datasheet HTML 139Page - Renesas Technology Corp R8C/11 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 227 page
background image
R8C/11 Group
Rev.1.20
Jan 27, 2006
page 125 of 204
REJ09B0062-0120
1/2
φAD
1/2
fAD
A/D conversion rate
selection
CKS1=1
CKS0=0
AD register
Resistor ladder
Successive conversion register
ADCON0
Vcom
VIN
Data bus
VREF
AVSS
VCUT=1
VCUT=0
CKS0=1
CKS1=0
Decoder
Comparator
CH2,CH1,CH0=0002
CH2,CH1,CH0=0012
CH2,CH1,CH0=0102
CH2,CH1,CH0=0112
CH2,CH1,CH0=1002
CH2,CH1,CH0=1012
CH2,CH1,CH0=1102
CH2,CH1,CH0=1112
P07/AN0
P06/AN1
P05/AN2
P04/AN3
P02/AN5
P01/AN6
P00/AN7
P03/AN4
CH2,CH1,CH0=1002
CH2,CH1,CH0=1012
CH2,CH1,CH0=1102
CH2,CH1,CH0=1112
P11/AN9
P12/AN10
P13/AN11
P10/AN8
ADGSEL0=0
ADGSEL0=1
CH0 to CH2, ADGSEL0, CKS0: Bits in ADCON0 register
CKS1, VCUT: Bits in ADCON1 register
Figure 14.1 A/D Converter Block Diagram
14. A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com