Electronic Components Datasheet Search
  English  ▼

X  

R8C/11 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # R8C/11
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/11 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button R8C/11 Datasheet HTML 141Page - Renesas Technology Corp R8C/11 Datasheet HTML 142Page - Renesas Technology Corp R8C/11 Datasheet HTML 143Page - Renesas Technology Corp R8C/11 Datasheet HTML 144Page - Renesas Technology Corp R8C/11 Datasheet HTML 145Page - Renesas Technology Corp R8C/11 Datasheet HTML 146Page - Renesas Technology Corp R8C/11 Datasheet HTML 147Page - Renesas Technology Corp R8C/11 Datasheet HTML 148Page - Renesas Technology Corp R8C/11 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 227 page
background image
R8C/11 Group
Rev.1.20
Jan 27, 2006
page 134 of 204
REJ09B0062-0120
14.6 Inflow Current Bypass Circuit
14.6 Inflow Current Bypass Circuit
Figure 14.9 shows the configuration of the inflow current bypass circuit, figure 14.10 shows the ex-
ample of an inflow current bypass circuit where VCC or more is applied.
Figure 14.9 Configuration of the Inflow Current Bypass Circuit
To the internal logic
of the A/D Converter
OFF
ON
Unselected channel
Fixed to GND level
OFF
ON
OFF
Selected channel
External input
latched into
ON
Figure 14.10 Example of an Inflow Current Bypass Circuit where VCC or More is Applied
To the internal logic
of the A/D Converter
OFF
ON
Unselected channel
Leakage current
generated
Unaffected
by leakage
Leakage current
generated
OFF
ON
OFF
Selected channel
Sensor input
VCC or more
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com