Electronic Components Datasheet Search
  English  ▼

X  

R8C/11 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # R8C/11
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/11 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button R8C/11 Datasheet HTML 162Page - Renesas Technology Corp R8C/11 Datasheet HTML 163Page - Renesas Technology Corp R8C/11 Datasheet HTML 164Page - Renesas Technology Corp R8C/11 Datasheet HTML 165Page - Renesas Technology Corp R8C/11 Datasheet HTML 166Page - Renesas Technology Corp R8C/11 Datasheet HTML 167Page - Renesas Technology Corp R8C/11 Datasheet HTML 168Page - Renesas Technology Corp R8C/11 Datasheet HTML 169Page - Renesas Technology Corp R8C/11 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 227 page
background image
R8C/11 Group
16. Electrical Characteristics
Rev.1.20
Jan 27, 2006
page 155 of 204
REJ09B0062-0120
Figure 16.3 Reset Circuit Electrical Characteristics
Vpor1
Vcc min
Vdet(3)
Vdet(3)
tw(por1) tw(Vpor1–Vdet)
Sampling time(1, 2)
Internal reset signal
(“L” effective)
fRING-S
1
X 32
fRING-S
1
X 32
Vpor2
NOTES:
1. Hold the voltage of the microcomputer operation voltage range (Vccmin or above) within sampling time.
2. A sampling clock is selectable. Refer to “5.4 Voltage Detection Circuit” for details.
3. Vdet shows the voltage detection level of the voltage detection circuit. Refer to “5.4 Voltage Detection Circuit” for details.
4. Refer to “Table 16.6 Reset Circuit Electrical Characteristics” for electrical characteristics.
tw(por2) tw(Vpor2 –Vdet)
Table 16.6 Reset Circuit Electrical Characteristics (When Using Hardware Reset 2(1, 3))
Symbol
Standard
Typ.
Unit
Measuring condition
Min.
Max.
Parameter
Vpor2
Power-on reset valid voltage
V
Vdet
NOTES:
1. The voltage detection circuit which is embedded in a microcomputer is a factor to generate the hardware reset 2. Refer to 5.1.2 Hardware
Reset 2.
2. This condition is not applicable when using with Vcc
≥ 1.0V.
3. When turning power on after the external power has been held below the valid voltage (Vpor1) for greater than 10 seconds, refer to Table 16.7
Reset Circuit Electrical Characteristics (When Not Using Hardware Reset 2).
4. tw(por2) is time to hold the external power below effective voltage (Vpor2).
Supply voltage rising time when power-on reset is canceled(2)
tW(Vpor2-
Vdet)
ms
100
–20°C
≤ Topr < 85°C
–20°C
≤ Topr < 85°C, tW(por2) ≥ 0s(4)
Table 16.7 Reset Circuit Electrical Characteristics (When Not Using Hardware Reset 2)
Symbol
Standard
Typ.
Unit
Measuring condition
Min.Max.
Parameter
0.1
NOTES:
1. When not using hardware reset 2, use with Vcc
≥ 2.7V.
2. tw(por1) is time to hold the external power below effective voltage (Vpor1).
100
1
tW(Vpor1-
Vdet)
Supply voltage rising time when power-on reset is canceled
0.5
tW(Vpor1-
Vdet)
Supply voltage rising time when power-on reset is canceled
tW(Vpor1-
Vdet)
Supply voltage rising time when power-on reset is canceled
V
Vpor1
Power-on reset valid voltage
ms
ms
ms
tW(Vpor1-
Vdet)
Supply voltage rising time when power-on reset is canceled
100
ms
0°C
≤ Topr ≤ 85°C, tW(por1) ≥ 10s(2)
–20°C
≤ Topr < 0°C, tW(por1) ≥ 10s(2)
0°C
≤ Topr ≤ 85°C, tW(por1) ≥ 1s(2)
–20°C
≤ Topr < 85°C
–20°C
≤ Topr < 0°C, tW(por1) ≥ 30s(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com