Electronic Components Datasheet Search
  English  ▼

X  

R8C/11 Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # R8C/11
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/11 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button R8C/11 Datasheet HTML 189Page - Renesas Technology Corp R8C/11 Datasheet HTML 190Page - Renesas Technology Corp R8C/11 Datasheet HTML 191Page - Renesas Technology Corp R8C/11 Datasheet HTML 192Page - Renesas Technology Corp R8C/11 Datasheet HTML 193Page - Renesas Technology Corp R8C/11 Datasheet HTML 194Page - Renesas Technology Corp R8C/11 Datasheet HTML 195Page - Renesas Technology Corp R8C/11 Datasheet HTML 196Page - Renesas Technology Corp R8C/11 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 227 page
background image
R8C/11 Group
17.5 Standard Serial I/O Mode
Rev.1.20
Jan 27, 2006
page 182 of 204
REJ09B0062-0120
Pin
Description
VCC,VSS
Apply the voltage guaranteed for Program and Erase to Vcc pin and
0V to Vss pin.
IVCC
Connect capacitor (0.1 µF) to Vss.
RESET
P46/XIN
Connect a ceramic resonator or crystal oscillator between XIN and
XOUT pins in standard serial I/O mode 2. When using the main clock in
standard serial I/O mode 1, connect a ceramic resonator or crystal oscillator
between XIN and XOUT pins. When not using the main clock in standard serial
I/O mode 1, connect this pin to Vcc via a resistor(pull-up)
P47/XOUT
AVCC, AVSS
VREF
Connect AVss to Vss and AVcc to Vcc, respectively.
Enter the reference voltage for AD from this pin.
P01 to P07
Input "H" or "L" level signal or open.
P10 to P17
Input "H" or "L" level signal or open.
P30 to P33
Input "H" or "L" level signal or open.
P45
Input "H" or "L" level signal or open.
P00
Serial data output pin
MODE
CNVSS
Standard serial I/O mode 1: connect to flash programmer
Standard serial I/O mode 2: Input "L".
P37
Serial data input pin
Name
Power input
IVCC
Reset input
P46 input/Clock input
P47 input/Clock output
Analog power supply input
Reference voltage input
Input port P0
Input port P1
Input port P3
Input port P4
TxD output
MODE
CNVSS
RxD input
I/O
I
I
I/O
I
I
I
I
I
O
I/O
I/O
I
Standard serial I/O mode 1: connect to flash programmer
Standard serial I/O mode 2: Input "L".
Reset input pin.
I
Table 17.7 Pin Functions (Flash Memory Standard Serial I/O Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com