Electronic Components Datasheet Search
  English  ▼

X  

R8C/11 Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # R8C/11
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/11 Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button R8C/11 Datasheet HTML 203Page - Renesas Technology Corp R8C/11 Datasheet HTML 204Page - Renesas Technology Corp R8C/11 Datasheet HTML 205Page - Renesas Technology Corp R8C/11 Datasheet HTML 206Page - Renesas Technology Corp R8C/11 Datasheet HTML 207Page - Renesas Technology Corp R8C/11 Datasheet HTML 208Page - Renesas Technology Corp R8C/11 Datasheet HTML 209Page - Renesas Technology Corp R8C/11 Datasheet HTML 210Page - Renesas Technology Corp R8C/11 Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 227 page
background image
R8C/11 Group
19. Usage Notes
Rev.1.20
Jan 27, 2006
page 196 of 204
REJ09B0062-0120
Mode
EW1
Status
During auto-
matic erasing
(erase-sus-
pend func-
tion is en-
abled)
When maskable interrupt
request is acknowledged
The auto-erasing is sus-
pended and the interrupt pro-
cess is executed. The auto-
erasing can be restarted by
setting the FMR41 bit in the
FMR4 register to “0” (erase
restart) after the interrupt
process completes
The auto-erasing has a prior-
ity and the interrupt request
acknowledgement is waited.
The interrupt process is ex-
ecuted after the auto-erasing
completes
The auto-programming has a
priority and the interrupt re-
quest acknowledgement is
waited. The interrupt process
is executed after the auto-
programming completes
When watchdog timer, oscillation stop detection and
voltage detection interrupt request area acknowledged
Once an interrupt request is acknowledged,
the auto-programming or auto-erasing is forc-
ibly stopped and resets the flash memory. An
interrupt process starts after the fixed period
and the flash memory restarts. Since the block
during the auto-erasing or the address during
the auto-programming is forcibly stopped, the
normal value may not be read. Execute the
auto-erasing again and ensure the auto-eras-
ing is competed normally. Since the watchdog
timer does not stop during the command op-
eration, the interrupt request may be gener-
ated. Reset the watchdog timer regularly using
the erase-suspend function.
Table 19.2 Interrupt in EW1 Mode
During auto-
matic erasing
(erase-sus-
pend func-
tion is dis-
abled)
Auto
pro-
gramming
NOTES:
1. Do not use the address match interrupt while the command is executed because the vector of the
address match interrupt is allocated on ROM.
2. Do not use the non-maskable interrupt while Block 0 is automatically erased because the fixed bector is
allocated Block 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com