Electronic Components Datasheet Search
  English  ▼

X  

R8C/11 Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # R8C/11
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/11 Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button R8C/11 Datasheet HTML 214Page - Renesas Technology Corp R8C/11 Datasheet HTML 215Page - Renesas Technology Corp R8C/11 Datasheet HTML 216Page - Renesas Technology Corp R8C/11 Datasheet HTML 217Page - Renesas Technology Corp R8C/11 Datasheet HTML 218Page - Renesas Technology Corp R8C/11 Datasheet HTML 219Page - Renesas Technology Corp R8C/11 Datasheet HTML 220Page - Renesas Technology Corp R8C/11 Datasheet HTML 221Page - Renesas Technology Corp R8C/11 Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 227 page
background image
C-3
REVISION HISTORY
Rev.
Date
Description
Page
Summary
R8C/11 Group Hardware Manual
0.92 Nov 05, 2003
141
Table 16.2
Delete NOTES 3 and 4
142
Table 16.3
Delete Tsamp
Add Figure 16.1
143
Revise Table 16.4
Revise Table 16.5
Revise Table 16.6
Add Figure 16.2
Revise Figure 16.2 to Figure 16.3
Revise Figure 16.3, Add NOTES(4)
144
Revise Table 16.7
146
Table 16.10
Power supply current : Revise Vcc = 4.2 to 5.5 V to 3.3 to 5.5 V
Low-speed on-chip oscillator mode : Revise 100 kHz to 125 kHz
High-speed mode and Medium-speed mode : Delete XIN = 5 MHz,
add XIN = 16 MHz and XIN = 10 MHz
TBD on High-speed mode and Medium-speed mode : Add values
Low-speed on-chip oscillator/wait/stop mode : Revise data
Add “VC27=“0”” in wait mode
147
Add Table 16.11 to 16.15
Table 16.13
Revise NOTES 1 and 2
148
Add Figure 16.4
149
Table 16.16
NOTES 1 : Revise f(BCLK) = 5 MHz to 10 MHz
150
Table 16.17
Low-speed on-chip oscillator mode : Revise 100 kHz to 125 kHz
High-speed mode and Medium-speed mode : Delete XIN = 5 MHz,
add XIN = 16MHz and XIN = 10 MHz
TBD on High-speed mode and Medium-speed mode : Add values
Low-speed on-chip oscillator/wait/stop mode : Revise data
Add “VC27=“0”” in wait mode
151
Add Table 16.18 to 16.22
Table 16.20
Revise NOTES 1 and 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com