Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 31Page - Renesas Technology Corp SH-2 Datasheet HTML 32Page - Renesas Technology Corp SH-2 Datasheet HTML 33Page - Renesas Technology Corp SH-2 Datasheet HTML 34Page - Renesas Technology Corp SH-2 Datasheet HTML 35Page - Renesas Technology Corp SH-2 Datasheet HTML 36Page - Renesas Technology Corp SH-2 Datasheet HTML 37Page - Renesas Technology Corp SH-2 Datasheet HTML 38Page - Renesas Technology Corp SH-2 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 919 page
background image
9
1.3.2
Pin Functions
Table 1.2 summarizes the pin functions.
Table 1.2
Pin Functions
Type
Symbol
Pin No.
I/O
Name
Function
Power supply
V
CC
19, 27, 79,
123, 131,
183
Input
Power supply
Power supply for chip-internal
and system ports (
RES, MD2
to MD0, FWE,
HSTBY, NMI,
CK, EXTAL, XTAL). Connect
all V
CC pins to the system
power supply. The chip will
not operate if there are any
open pins.
PV
CC1
10, 42, 194,
205
Input
Port power
supply 1
Power supply for bus ports
(ports E, F, and H). Connect
all PV
CC1 pins to the system
bus power supply. The chip
will not operate if there are
any open pins.
PV
CC2
74, 95, 115,
141, 158,
174
Input
Port power
supply 2
Power supply for peripheral
module ports (ports A, B, C,
D, G, J, K, the AUD, and
WDTOVF). Connect all PV
CC2
pins to the system peripheral
module power supply. The
chip will not operate if there
are any open pins.
V
SS
12, 21, 25,
44, 76, 81,
97, 117,
125, 133,
143, 160,
176, 185,
196, 207
Input
Ground
For connection to ground.
Connect all V
SS pins to the
system ground. The chip will
not operate if there are any
open pins.
Flash memory FWE
28
Input
Flash write
enable
Connected to ground in
normal operation.
Apply V
CC during on-board
programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com