Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 56Page - Renesas Technology Corp SH-2 Datasheet HTML 57Page - Renesas Technology Corp SH-2 Datasheet HTML 58Page - Renesas Technology Corp SH-2 Datasheet HTML 59Page - Renesas Technology Corp SH-2 Datasheet HTML 60Page - Renesas Technology Corp SH-2 Datasheet HTML 61Page - Renesas Technology Corp SH-2 Datasheet HTML 62Page - Renesas Technology Corp SH-2 Datasheet HTML 63Page - Renesas Technology Corp SH-2 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 919 page
background image
34
2.3.3
Instruction Format
Table 2.9 lists the instruction formats for the source operand and the destination operand. The
meaning of the operand depends on the instruction code. The symbols are used as follows:
• xxxx: Instruction code
• mmmm: Source register
• nnnn: Destination register
• iiii: Immediate data
• dddd: Displacement
Table 2.9
Instruction Formats
Instruction Formats
Source
Operand
Destination
Operand
Example
0 format
xxxx
xxxx
xxxx
xxxx
15
0
——
NOP
n format
—
nnnn: Direct
register
MOVT
Rn
xxxx
xxxx
xxxx
nnnn
15
0
Control register
or system
register
nnnn: Direct
register
STS
MACH,Rn
Control register
or system
register
nnnn: Indirect pre-
decrement register
STC.L
SR,@-Rn
m format
mmmm: Direct
register
Control register or
system register
LDC
Rm,SR
xxxx
mmmm
xxxx
xxxx
15
0
mmmm: Indirect
post-increment
register
Control register or
system register
LDC.L
@Rm+,SR
mmmm: Direct
register
—
JMP
@Rm
mmmm: PC
relative using Rm
—
BRAF
Rm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com