Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 36Page - Renesas Technology Corp SH-2 Datasheet HTML 37Page - Renesas Technology Corp SH-2 Datasheet HTML 38Page - Renesas Technology Corp SH-2 Datasheet HTML 39Page - Renesas Technology Corp SH-2 Datasheet HTML 40Page - Renesas Technology Corp SH-2 Datasheet HTML 41Page - Renesas Technology Corp SH-2 Datasheet HTML 42Page - Renesas Technology Corp SH-2 Datasheet HTML 43Page - Renesas Technology Corp SH-2 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 919 page
background image
14
Table 1.2
Pin Functions (cont)
Type
Symbol
Pin No.
I/O
Name
Function
User break
controller (UBC)
UBCTRG
107
Output
User break
trigger output
UBC condition match trigger
output pin.
Advanced
user debugger
(AUD)
AUDATA0
to
AUDATA3
164 to 167
Input/
output
AUD data
Realtime trace mode: Branch
destination address output
pins.
RAM monitor mode: Monitor
address input / data
input/output pins.
AUDRST
162
Input
AUD reset
Reset signal input pin.
AUDMD
163
Input
AUD mode
Mode select signal input pin.
Realtime trace mode: Low
RAM monitor mode: High
AUDCK
168
Input/
output
AUD clock
Realtime trace mode: Serial
clock output pin.
RAM monitor mode: Serial
clock input pin.
AUDSYNC 169
Input/
output
AUD
synchronization
signal
Realtime trace mode: Data
start position identification
signal output pin.
RAM monitor mode: Data start
position identification signal
input pin.
I/O ports
POD
5
Input
Port output
disable
Input pin for port pin drive
control when general port is
set for output.
PA0 to
PA15
73, 75, 77,
78, 80, 82 to
92
Input/
output
Port A
General input/output port pins.
Input or output can be
specified bit by bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com