Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 352 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 352 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 348Page - Renesas Technology Corp SH-2 Datasheet HTML 349Page - Renesas Technology Corp SH-2 Datasheet HTML 350Page - Renesas Technology Corp SH-2 Datasheet HTML 351Page - Renesas Technology Corp SH-2 Datasheet HTML 352Page - Renesas Technology Corp SH-2 Datasheet HTML 353Page - Renesas Technology Corp SH-2 Datasheet HTML 354Page - Renesas Technology Corp SH-2 Datasheet HTML 355Page - Renesas Technology Corp SH-2 Datasheet HTML 356Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 919 page
background image
326
Noise Canceler Register 10 (NCR10): Noise canceler register 10 (NCR10) is an 8-bit
readable/writable register used to set the upper count limit of noise canceler counter 10H
(TCNT10H). TCNT10H is constantly compared with NCR10 during the count, and when a
compare-match occurs the TCNT10H counter is halted and input signal masking is released.
Bit:
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
NCR10 is initialized to H'FF by a power-on reset, and in hardware standby mode and software
standby mode.
Channel 10 Control Registers
There are four control registers in channel 10.
Channel
Abbreviation
Function
10
TIOR10
Reload setting, counter correction setting, external input (TI10)
edge interval multiplier setting
GR compare-match setting
(Initial value H'00)
TCR10
TCCLR10 counter clear source
Noise canceler function enabling/disabling selection
External input (TI10) edge selection
(Initial value H'00)
TSR10
Input capture/compare-match status
(Initial value H'0000)
TIER10
Input capture/compare-match interrupt request
enabling/disabling selection
(Initial value H'0000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com