Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 162Page - Renesas Technology Corp SH-2 Datasheet HTML 163Page - Renesas Technology Corp SH-2 Datasheet HTML 164Page - Renesas Technology Corp SH-2 Datasheet HTML 165Page - Renesas Technology Corp SH-2 Datasheet HTML 166Page - Renesas Technology Corp SH-2 Datasheet HTML 167Page - Renesas Technology Corp SH-2 Datasheet HTML 168Page - Renesas Technology Corp SH-2 Datasheet HTML 169Page - Renesas Technology Corp SH-2 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 919 page
background image
140
• Selectable bus modes: Cycle-steal mode or burst mode
• Fixed DMAC channel priority ranking
• CPU can be interrupted when the specified number of data transfers are complete.
9.1.2
Block Diagram
Figure 9.1 is a block diagram of the DMAC.
On-chip ROM
On-chip RAM
HCAN
Circuit
control
SARn
DMAC module
Register
control
Activation
control
Request
priority
control
Bus interface
Bus state
controller
On-chip
peripheral
module
DARn
DMATCRn
CHCRn
DMAOR
ATU-II
SCI0 to SCI4
A/D converter 0, 1
DEIn
External
ROM
External
RAM
External I/O
(memory
mapped)
SARn:
DARn:
DMATCRn:
CHCRn:
DMAOR:
n:
DMAC source address register
DMAC destination address register
DMAC transfer count register
DMAC channel control register
DMAC operation register
0, 1, 2, 3
Figure 9.1 DMAC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com