Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 174Page - Renesas Technology Corp SH-2 Datasheet HTML 175Page - Renesas Technology Corp SH-2 Datasheet HTML 176Page - Renesas Technology Corp SH-2 Datasheet HTML 177Page - Renesas Technology Corp SH-2 Datasheet HTML 178Page - Renesas Technology Corp SH-2 Datasheet HTML 179Page - Renesas Technology Corp SH-2 Datasheet HTML 180Page - Renesas Technology Corp SH-2 Datasheet HTML 181Page - Renesas Technology Corp SH-2 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 919 page
background image
152
9.3
Operation
When there is a DMA transfer request, the DMAC starts the transfer according to the channel
priority order; when the transfer end conditions are satisfied, it ends the transfer. Transfers can be
requested in two modes: auto-request and on-chip peripheral module request. Transfer is
performed only in dual address mode, and either direct or indirect address transfer mode can be
used. The bus mode can be either burst or cycle-steal.
9.3.1
DMA Transfer Flow
After the DMA source address registers (SAR), DMA destination address registers (DAR), DMA
transfer count register (DMATCR), DMA channel control registers (CHCR), and DMA operation
register (DMAOR) are set to the desired transfer conditions, the DMAC transfers data according
to the following procedure:
1. The DMAC checks to see if transfer is enabled (DE = 1, DME = 1, TE = 0, NMIF = 0,
AE = 0).
2. When a transfer request comes and transfer has been enabled, the DMAC transfers 1 transfer
unit of data (determined by the TS0 and TS1 setting). For an auto-request, the transfer begins
automatically when the DE bit and DME bit are set to 1. The DMATCR value will be
decremented by 1 upon each transfer. The actual transfer flows vary by address mode and bus
mode.
3. When the specified number of transfers have been completed (when DMATCR reaches 0), the
transfer ends normally. If the IE bit of CHCR is set to 1 at this time, a DEI interrupt is sent to
the CPU.
4. When an address error occurs in the DMAC or an NMI interrupt is generated, the transfer is
aborted. Transfer is also aborted when the DE bit of CHCR or the DME bit of DMAOR is
cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com