Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 270Page - Renesas Technology Corp SH-2 Datasheet HTML 271Page - Renesas Technology Corp SH-2 Datasheet HTML 272Page - Renesas Technology Corp SH-2 Datasheet HTML 273Page - Renesas Technology Corp SH-2 Datasheet HTML 274Page - Renesas Technology Corp SH-2 Datasheet HTML 275Page - Renesas Technology Corp SH-2 Datasheet HTML 276Page - Renesas Technology Corp SH-2 Datasheet HTML 277Page - Renesas Technology Corp SH-2 Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 919 page
background image
248
• Bit 5—Input Capture/Compare-Match Flag 4A (IMF4A): Status flag that indicates GR4A
input capture or compare-match. The flag is not set in PWM mode.
Bit 5: IMF4A
Description
0
[Clearing condition]
(Initial value)
When IMF4A is read while set to 1, then 0 is written to IMF4A
1
[Setting conditions]
• When the TCNT4 value is transferred to GR4A by an input capture signal
while GR4A is functioning as an input capture register
•••• When TCNT4 = GR4A while GR4A is functioning as an output compare
register
• Bit 4—Overflow Flag 3 (OVF3): Status flag that indicates TCNT3 input capture or compare-
match.
Bit 4: OVF3
Description
0
[Clearing condition]
(Initial value)
When OVF3 is read while set to 1, then 0 is written to OVF3
1
[Setting condition]
When the TCNT3 value overflows (from H'FFFF to H'0000)
• Bit 3—Input Capture/Compare-Match Flag 3D (IMF3D): Status flag that indicates GR5D
input capture or compare-match.
Bit 3: IMF3D
Description
0
[Clearing condition]
(Initial value)
When IMF3D is read while set to 1, then 0 is written to IMF3D
1
[Setting conditions]
• When the TCNT3 value is transferred to GR3D by an input capture signal
while GR3D is functioning as an input capture register. However, IMF3D
is not set by input capture with a channel 9 compare match as the trigger
•••• When TCNT3 = GR3D while GR3D is functioning as an output compare
register
•••• When TCNT3 = GR3D while GR3D is functioning as a synchronous
register in PWM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com