Electronic Components Datasheet Search
  English  ▼

X  

M30262F8GP Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M30262F8GP
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30262F8GP Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M30262F8GP Datasheet HTML 35Page - Renesas Technology Corp M30262F8GP Datasheet HTML 36Page - Renesas Technology Corp M30262F8GP Datasheet HTML 37Page - Renesas Technology Corp M30262F8GP Datasheet HTML 38Page - Renesas Technology Corp M30262F8GP Datasheet HTML 39Page - Renesas Technology Corp M30262F8GP Datasheet HTML 40Page - Renesas Technology Corp M30262F8GP Datasheet HTML 41Page - Renesas Technology Corp M30262F8GP Datasheet HTML 42Page - Renesas Technology Corp M30262F8GP Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 239 page
background image
Clock Generating Circuit
33
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Figure 1.8.4b. Peripheral clock select register
Figure 1.8.4c. Processor mode register 2
W
Function
Bit symbol
Bit name
Processor mode register 2 (Note 1)
Symbol
Address
When reset
PM2
001E16
XXX000002
R
b7
b6
b5
b4
b3
b2
b1
b0
PM20
Specifying wait when
accessing SFR registers
(Note 2)
0 : 2 waits
1 : 1 wait
00 0 0
Must always be set to "0"
Reserved bit
Nothing is assigned.
Writes must set each bit to "0". Read values are indeterminate.
0
PM24
P85/NMI configuration bit
(Notes 3,6,7)
0: P85 function (NMI disable)
1: NMI function
Note 1: Set bit 1 of the protect register (address 000A16) to "1" before writing new values
to this register.
Note 2: When the system clock is 16Mhz and more, must set to 2 waits.
Note 3: This bit cannot be changed from "1" to "0" in software.
Note 4: Setting PM21 to "1" results in the following:
• BCLK is not halted by WAIT instruction.
• Writing to the following bits has no effect:
CM02, of register CM0
CM05, of register CM0 (main clock is not halted)
CM07, of register CM0 (CPU clock source does not change)
CM10, of register CM1 (stop mode is not entered)
CM20, of register CM2 (oscillation stop, re-oscillation detection function settings
do not change)
Note 5: Setting PM22 to "1" results in the following:
• The ring oscillator starts oscillating, and the ring oscillator clock becomes the
watchdog timer count source.
• Writing to CM10 disabled (stop mode is not entered).
• Watchdog timer does not stop when in wait mode or hold state.
Note 6: For NMI function, this bit must be set to "1" in first instruction after reset.
Note 7: When this bit is set to "1", the P85 direction register must be "0".
System clock protective bit
(Notes 3,4)
0 : Clock is protected by PRCR
register
1 : Clock modification disabled
PM21
WDT count source
protective bit (Notes 3,5)
0 : CPU clock is used for the
watchdog timer count source
1 : Ring oscillator clock is used
for the watchdog timer count
source
PM22
W
Function
Bit symbol
Bit name
Peripheral clock select register (Note)
Symbol
Address
When reset
PCLKR
025E16
0316
R
b7
b6
b5
b4
b3
b2
b1
b0
PCLK0
Timers A, B clock select bit
(Clock source for the
timers A, B, and the dead
time timer)
0 : f2
1 : f1
00 0
Reserved bit
Must always be set to
0
Note: Set the bit 0 of the protect register (address 000A16) to "1" before rewriting
this register.
00 0
PCLK1
SI/O clock select bit
(Clock source for UART0
to UART2)
0 : f2SIO
1 : f1SIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com