Electronic Components Datasheet Search
  English  ▼

X  

M30262F8GP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M30262F8GP
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30262F8GP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M30262F8GP Datasheet HTML 9Page - Renesas Technology Corp M30262F8GP Datasheet HTML 10Page - Renesas Technology Corp M30262F8GP Datasheet HTML 11Page - Renesas Technology Corp M30262F8GP Datasheet HTML 12Page - Renesas Technology Corp M30262F8GP Datasheet HTML 13Page - Renesas Technology Corp M30262F8GP Datasheet HTML 14Page - Renesas Technology Corp M30262F8GP Datasheet HTML 15Page - Renesas Technology Corp M30262F8GP Datasheet HTML 16Page - Renesas Technology Corp M30262F8GP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 239 page
background image
Renesas Technology Corp.
Pin Description
7
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Pin Description
Table 1.3. Pin Descriptions
AVCC
Output
Clock input
XOUT
XIN
Power supply
IVCC
Input
Reset input
RESET
CNVSS
CNVSS
Supply 2.7V to 5.5V to the VCC pin. Supply 0V to the VSS pin.
Power supply
input
VCC, VSS
Function
I/O type
Signal name
Pin name
Input
This pin is used to select, at reset, operation in either single-chip
user or serial boot programming mode. If connected to VSS,
operation after reset will employ single-chip user mode. If
connected to VCC, reset will cause entry into boot mode.
A "L" on this input resets the microcomputer.
The user must leave this pin unconnected.
Clock output
Input
These pins are provided for the main clock generating
circuit. Connect a ceramic resonator or crystal between the XIN
and the XOUT pins. To use an externally-derived clock, input it to
the XIN pin and leave the XOUT pin open.
Analog power
supply input
This pin is a power supply input for the A-D converter. Connect
this pin to VCC.
AVSS
Analog power
supply input
This pin is a power supply input for the A-D converter. Connect
this pin to VSS.
VREF
Reference
voltage input
Input
This pin is a reference voltage input for the A-D converter.
P15 to P17
I/O port P1
Input/output
This is a 3-bit I/O port. When used for input pin, the port can be
set to have or not have a pull-up resistor by software. P15 to P17
also function as the input pins for external interrupts INT3 to INT5
as selected by software. Additionally, P15 can be configured to act
as the A/D trigger source (ADTRG).
P60 to P67
I/O port P6
Input/output
This is an 8-bit I/O port. When used for input pin, the port can be
set to have or not have a pull-up resistor in units of four bits by
software. Pins in this port also function as UART0 and UART1 I/O
pins as selected by software.
This is an 8-bit I/O port. When used for input pin, the port can be
set to have or not have a pull-up resistor in units of four bits by
software (P70 to P71 are N channel open-drain outputs). Pins in
this port also function as timer A0-A3 I/O, UART2 I/O pins, or 3-
phase PWM V/W outputs as selected by software.
P70 to P77
I/O port P7
Input/output
P80 to P83,
P85 to P87
I/O port P8
Input/output
This is a 7-bit I/O port. When used for input pin, the port can be
set to have or not have a pull-up resistor in units of four bits by
software. Using software, they can be made to function as the I/O
pins for timer A4, the input pins for external interrupts INT0, INT1,
NMI, or 3-phase PWM U outputs and 3-phase PWM shutdown
input. P86 to P87 can be set using software to function as the
I/O pins for a sub clock generation circuit. In this case, connect a
quartz oscillator between P86 (XCOUT pin) and P87 (XCIN pin).
P90 to P93
I/O port P9
Input/output
This is a 4-bit I/O port. When used for input pin, the port can be
set to have or not have a pull-up resistor in units of four bits by
software. Pins in this port also function as Timer B0-B2 input pins
as selected by software.
P100 to P107
I/O port P10
Input/output
This is an 8-bit I/O port. When used for input pin, the port can be
set to have or not have a pull-up resistor in units of four bits by
software Pins in this port also function as A-D converter input pins
as selected by software. Furthermore, P104-P107 also function as
input pins for the key input interrupt function pins as selected by
software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com