Electronic Components Datasheet Search
  English  ▼

X  

M30262F8GP Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # M30262F8GP
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30262F8GP Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M30262F8GP Datasheet HTML 11Page - Renesas Technology Corp M30262F8GP Datasheet HTML 12Page - Renesas Technology Corp M30262F8GP Datasheet HTML 13Page - Renesas Technology Corp M30262F8GP Datasheet HTML 14Page - Renesas Technology Corp M30262F8GP Datasheet HTML 15Page - Renesas Technology Corp M30262F8GP Datasheet HTML 16Page - Renesas Technology Corp M30262F8GP Datasheet HTML 17Page - Renesas Technology Corp M30262F8GP Datasheet HTML 18Page - Renesas Technology Corp M30262F8GP Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 239 page
background image
Renesas Technology Corp.
CPU
9
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Central Processing Unit (CPU)
The CPU has a total of 13 registers shown in Figure 1.4.2. Seven of these registers (R0, R1, R2, R3, A0,
A1, and FB) come in two sets; therefore, these have two register banks.
(1) Data registers (R0, R0H, R0L, R1, R1H, R1L, R2, and R3)
Data registers (R0, R1, R2, and R3) are configured with 16 bits, and are used primarily for transfer and
arithmetic/logic operations.
Registers R0 and R1 can each be used as dual 8-bit data registers. As such, their high-order bytes are
designated R0H/R1H, while their low-order bytes become R0L/R1L, respectively. In some instructions,
registers R2 and R0, as well as R3 and R1, can be combined to serve as 32-bit data registers (R2R0/R3R1).
(2) Address registers (A0 and A1)
Address registers (A0 and A1) consist of 16 bits each. Individually, they can be used for three types of
register-based addressing: register direct, address register indirect, and address register relative. They
are also used for transfer and arithmetic/logic operations, as well as three special instruction addressing
modes: address register relative with 20-bit displacement, 32-bit address register indirect, and 32-bit
register direct. These last two modes combine A0 and A1 for use as a single 32-bit register (A1A0).
H
L
b15
b8
7
b0
R0(Note)
H
L
b15
b8
7
b0
R1(Note)
R2(Note)
b15
b0
R3(Note)
b15
b0
A0(Note)
b15
b0
A1(Note)
b15
b0
FB(Note)
b15
b0
Data
registers
Address
registers
Frame base
registers
b15
b0
b15
b0
b15
b0
b15
b0
b0
b19
b0
b19
H
L
Program counter
Interrupt table
register
User stack pointer
Interrupt stack
pointer
Static base
register
Flag register
PC
INTB
USP
ISP
SB
FLG
Note: These registers consist of two register banks.
Figure 1.4.2. Central processing unit register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com