Electronic Components Datasheet Search
  English  ▼

X  

SH7641 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # SH7641
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7641 Series
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7641 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button SH7641 Datasheet HTML 18Page - Renesas Technology Corp SH7641 Datasheet HTML 19Page - Renesas Technology Corp SH7641 Datasheet HTML 20Page - Renesas Technology Corp SH7641 Datasheet HTML 21Page - Renesas Technology Corp SH7641 Datasheet HTML 22Page - Renesas Technology Corp SH7641 Datasheet HTML 23Page - Renesas Technology Corp SH7641 Datasheet HTML 24Page - Renesas Technology Corp SH7641 Datasheet HTML 25Page - Renesas Technology Corp SH7641 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 1036 page
background image
Rev. 4.00 Sep. 14, 2005 Page xxii of l
18.7.13 Buffer Operation Setting in Complementary PWM Mode ................................... 636
18.7.14 Reset Sync PWM Mode Buffer Operation and Compare Match Flag .................. 637
18.7.15 Overflow Flags in Reset Sync PWM Mode.......................................................... 638
18.7.16 Conflict between Overflow/Underflow and Counter Clearing ............................. 638
18.7.17 Conflict between TCNT Write and Overflow/Underflow .................................... 639
18.7.18 Cautions on Transition from Normal Operation or PWM Mode 1 to
Reset-Synchronous PWM Mode........................................................................... 640
18.7.19 Output Level in Complementary PWM Mode and Reset-Synchronous
PWM Mode .......................................................................................................... 640
18.7.20 Interrupts in Module Standby Mode ..................................................................... 640
18.7.21 Simultaneous Input Capture of TCNT_1 and TCNT_2 in
Cascade Connection.............................................................................................. 640
18.8
MTU Output Pin Initialization........................................................................................... 641
18.8.1 Operating Modes .................................................................................................. 641
18.8.2 Reset Start Operation ............................................................................................ 641
18.8.3 Operation in Case of Re-Setting Due to Error During Operation, etc. ................. 642
18.8.4 Overview of Initialization Procedures and Mode Transitions in Case of
Error during Operation, Etc. ................................................................................. 643
18.9
Port Output Enable (POE) ................................................................................................. 673
18.9.1 Features................................................................................................................. 673
18.9.2 Pin Configuration.................................................................................................. 675
18.9.3 Register Configuration.......................................................................................... 675
18.9.4 Operation .............................................................................................................. 681
Section 19 Serial Communication Interface with FIFO (SCIF)........................ 685
19.1
Overview............................................................................................................................ 685
19.1.1 Features................................................................................................................. 685
19.2
Pin Configuration...............................................................................................................688
19.3
Register Description .......................................................................................................... 689
19.3.1 Receive Shift Register (SCRSR) .......................................................................... 690
19.3.2 Receive FIFO Data Register (SCFRDR) .............................................................. 690
19.3.3 Transmit Shift Register (SCTSR) ......................................................................... 690
19.3.4 Transmit FIFO Data Register (SCFTDR)............................................................. 691
19.3.5 Serial Mode Register (SCSMR)............................................................................ 691
19.3.6 Serial Control Register (SCSCR).......................................................................... 695
19.3.7 Serial Status Register (SCFSR) ............................................................................ 699
19.3.8 Bit Rate Register (SCBRR) .................................................................................. 707
19.3.9 FIFO Control Register (SCFCR) .......................................................................... 714
19.3.10 FIFO Data Count Register (SCFDR) .................................................................... 717
19.3.11 Serial Port Register (SCSPTR) ............................................................................. 717



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com