| Electronic Components Datasheet Search |
|
SH7641 Datasheet(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7641 Datasheet(HTML) 30 Page - Renesas Technology Corp |
|
30 / 1036 page ![]() Rev. 4.00 Sep. 14, 2005 Page xxx of l Figure 3.14 Data Transfer Operation Flow................................................................................. 119 Figure 3.15 Single Data-Transfer Operation Flow (Word)......................................................... 120 Figure 3.16 Single Data-Transfer Operation Flow (Longword) ................................................. 121 Figure 3.17 Local Data Move Instruction Flow.......................................................................... 122 Figure 3.18 Restriction of Interrupt Acceptance in Repeat Loop ............................................... 128 Figure 3.19 DSP Addressing Instructions for MOVX.W and MOVY.W................................... 134 Figure 3.20 DSP Addressing Instructions for MOVS ................................................................ 135 Figure 3.21 Modulo Addressing .................................................................................................136 Figure 3.22 Load/Store Control for X and Y Data-Transfer Instructions................................... 140 Figure 3.23 Load/Store Control for Single-Data Transfer Instruction........................................ 141 Section 4 Clock Pulse Generator (CPG) Figure 4.1 Block Diagram of Clock Pulse Generator ................................................................. 144 Figure 4.2 Note on Using a Crystal Resonator ........................................................................... 152 Figure 4.3 Note on Using a PLL Oscillator Circuit .................................................................... 153 Section 5 Watchdog Timer (WDT) Figure 5.1 Block Diagram of the WDT ...................................................................................... 156 Figure 5.2 Writing to WTCNT and WTCSR.............................................................................. 159 Section 6 Power-Down Modes Figure 6.1 Canceling Standby Mode with STBCR.STBY.......................................................... 173 Figure 6.2 STATUS Output at Manual Reset............................................................................. 175 Figure 6.3 STATUS Output when Standby Mode is Canceled by an Interrupt.......................... 175 Figure 6.4 STATUS Output When Software Standby Mode is Canceled by a Manual Reset.... 176 Figure 6.5 STATUS Output when Sleep Mode is Canceled by an Interrupt .............................. 176 Figure 6.6 STATUS Output When Sleep Mode is Canceled by a Manual Reset ....................... 177 Section 7 Cache Figure 7.1 Cache Structure ......................................................................................................... 180 Figure 7.2 Cache Search Scheme ............................................................................................... 187 Figure 7.3 Write-Back Buffer Configuration.............................................................................. 189 Figure 7.4 Specifying Address and Data for Memory-Mapped Cache Access .......................... 191 Section 8 X/Y Memory Figure 8.1 X/Y Memory Address Mapping................................................................................ 194 Section 9 Exception Handling Figure 9.1 Register Bit Configuration ........................................................................................ 198 Section 10 Interrupt Controller (INTC) Figure 10.1 Block Diagram of INTC.......................................................................................... 220 Figure 10.2 Interrupt Operation Flowchart................................................................................. 239 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |